Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPM3860 Datasheet (PDF) - Monolithic Power Systems

MPM3860 Datasheet PDF - Monolithic Power Systems
Part # MPM3860
Download  MPM3860 Download
File Size   1571.62 Kbytes
Page   21 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 1.2MHz, Synchronous 2.75V to 7V, 6A Ultra-Thin Power Module

MPM3860 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPM3860 Datasheet PDF - Monolithic Power Systems

Part # MPM3860
Download  MPM3860 Click to download

File Size   1571.62 Kbytes
Page   21 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 1.2MHz, Synchronous 2.75V to 7V, 6A Ultra-Thin Power Module

MPM3860 Datasheet (HTML) - Monolithic Power Systems


MPM3860 Product details

DESCRIPTION
The MPM3860 is a fully integrated, highfrequency,
synchronous, rectified, step-down,
power module with internal inductor. It offers a
very compact solution to achieve 6A of
continuous output current over a wide input
range, with excellent load and line regulation.
The MPM3860 has synchronous mode
operation for higher efficiency over the output
current load range.
Constant-on-time (COT) control operation
provides very fast transient response and easy
loop design, as well as very tight output
regulation.
Full protection features include short-circuit
protection (SCP), over-current protection (OCP),
under-voltage protection (UVP), and thermal
shutdown.
The MPM3860 requires a minimal number of
readily available, standard external components,
and is available in a space-saving QFN-24
(4mmx6mm) package.

FEATURES
 Wide 2.75V to 7V Operating Input Range
 6A Output Current
 Internal Power MOSFETs
 Output Adjustable from 0.6V
 High-Efficiency Synchronous Mode
Operation
 Pre-Biased Start-Up
 Forced CCM Mode for Low VOUT Ripple
 Fixed 1200kHz Switching Frequency
 External Programmable Soft-Start Time
 EN and Power Good for Power Sequencing
 Over-Current Protection and Hiccup Mode
 Thermal Shutdown
 Available in a QFN-24 (4mmx6mmx1.6mm)
Package

APPLICATIONS
 FPGA Power Systems
 Optical Modules
 Telecom
 Networking
 Industrial Equipment




Similar Part No. - MPM3860

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPM3864 MPS-MPM3864 Datasheet
687Kb / 22P
2.75V to 7V, 6A, 1.2MHz,Synchronous Power Module
Rev. 1.0 4/14/2023
MPM3864GPQ MPS-MPM3864GPQ Datasheet
687Kb / 22P
2.75V to 7V, 6A, 1.2MHz,Synchronous Power Module
Rev. 1.0 4/14/2023
MPM3864GPQ-Z MPS-MPM3864GPQ-Z Datasheet
687Kb / 22P
2.75V to 7V, 6A, 1.2MHz,Synchronous Power Module
Rev. 1.0 4/14/2023
More results


Similar Description - MPM3860

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC45205 MICREL-MIC45205 Datasheet
3Mb / 31P
26V/6A DC-to-DC Power Module
MIC45205 MICREL-MIC45205_15 Datasheet
2Mb / 35P
26V/6A DC-to-DC Power Module
logo
Exar Corporation
XR79206EL-F EXAR-XR79206EL-F Datasheet
2Mb / 20P
40V, 6A Synchronous Step-Down COT Power Module
logo
E-CMOS Corporation
EC9288 E-CMOS-EC9288 Datasheet
963Kb / 12P
5V 6A 1.2MHz Synchronous Boost Converter
logo
TECHCODE SEMICONDUCTOR,...
TD8587 TECHCODE-TD8587 Datasheet
702Kb / 13P
1.2MHz Synchronous Boost Converter
logo
Monolithic Power System...
MPM3864 MPS-MPM3864 Datasheet
687Kb / 22P
2.75V to 7V, 6A, 1.2MHz,Synchronous Power Module
Rev. 1.0 4/14/2023
MPM3814C MPS-MPM3814C Datasheet
1Mb / 19P
2.75V to 6V, 1A, Ultra-Small Power Module with Ultra-Low Noise
Rev. 1.0 4/15/2022
MPM3824C MPS-MPM3824C Datasheet
1Mb / 20P
2.75V to 6V, 2A, Ultra-Small Power Module with Ultra-Low Noise
Rev. 1.0 4/11/2022
logo
MPS Industries, Inc.
MPM3650 MPSIND-MPM3650 Datasheet
910Kb / 22P
2.75 to 17V, 6A, 1.2MHz, Synchronous,Step-Down Power Module with Discontinuous Conduction Mode
Rev. 1.1 9/17/2021
MPM3834C MPSIND-MPM3834C Datasheet
1Mb / 20P
2.75V to 6V, 3A, Ultra-Small Power Module with Ultra-Low Noise
Rev. 1.01 6/14/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com