Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPM3824C Datasheet (PDF) - Monolithic Power Systems

MPM3824C Datasheet PDF - Monolithic Power Systems
Part # MPM3824C
Download  MPM3824C Download
File Size   1122.69 Kbytes
Page   20 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 2.75V to 6V, 2A, Ultra-Small Power Module with Ultra-Low Noise

MPM3824C Datasheet (PDF)

Go To PDF Page Download Datasheet
MPM3824C Datasheet PDF - Monolithic Power Systems

Part # MPM3824C
Download  MPM3824C Click to download

File Size   1122.69 Kbytes
Page   20 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 2.75V to 6V, 2A, Ultra-Small Power Module with Ultra-Low Noise

MPM3824C Datasheet (HTML) - Monolithic Power Systems


MPM3824C Product details

DESCRIPTION
The MPM3824C is synchronous, step-down
power module with an integrated inductor. The
MPM3824C achieves 2A of continuous output
current (IOUT) from a 2.75V to 6V input voltage
(VIN) range with excellent load and line
regulation. The MPM3824C works in forced
continuous conduction mode (FCCM) and has a
small output voltage (VOUT) ripple with one
output capacitor, making it well-suited for
optical modules, FPGA, ASIC, and other
applications requiring low ripple noise as well
as a small PCB area.
VOUT can be regulated to be as low as 0.6V.
Only FB resistors, input capacitors, and output
capacitors are required to complete the design.
Constant-on-time (COT) control provides fast
transient response, high efficiency, and easy
loop stabilization.
Full protection features include cycle-by-cycle
current limiting and thermal shutdown.
The MPM3824C requires a minimal number of
readily available, standard external
components. It is available in an ultra-small
ECLGA-14 (2.5mmx2.5mmx1.2mm) package.

FEATURES
• Wide 2.75V to 6V Operating Input Voltage
(VIN) Range
• Adjustable Output Voltage (VOUT) from 0.6V
• Up to 2A Continuous Output Current (IOUT)
• 100% Duty Cycle in Dropout
• Forced Continuous Conduction Mode
(FCCM)
• Enable (EN) and Power Good (PG) for
Power Sequencing
• Cycle-by-Cycle Over-Current Protection
(OCP)
• Short-Circuit Protection (SCP) with Hiccup
Mode
• Only Four External Components Required
• Available in an ECLGA-14
(2.5mmx2.5mmx1.2mm) Package

APPLICATIONS
• FPGA, ASIC, DSP Power
• Optical Modules
• LDO Replacements
• Power for Portable Products
• Storage (Solid-State Drives and Hard-Disk
Drives)
• Space-Constrained Applications




Similar Part No. - MPM3824C

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPM3820 MPS-MPM3820 Datasheet
1Mb / 17P
6V Input, 2A Module Synchronous Step-Down Converter with Integrated Inductor
MPM3820GQV MPS-MPM3820GQV Datasheet
1Mb / 17P
6V Input, 2A Module Synchronous Step-Down Converter with Integrated Inductor
MPM38222 MPS-MPM38222 Datasheet
1Mb / 18P
Dual 2A, 2.7V-6V, Power Module, Synchronous, Step-Down Converter with Integrated Inductors
MPM38222GR MPS-MPM38222GR Datasheet
1Mb / 18P
Dual 2A, 2.7V-6V, Power Module, Synchronous, Step-Down Converter with Integrated Inductors
MPM3822C MPS-MPM3822C Datasheet
1Mb / 17P
2.75 - 6V, 2A, Ultra-Small and Ultra-Low Noise Power Module
More results


Similar Description - MPM3824C

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABPSM-ULN-A ABRACON-ABPSM-ULN-A Datasheet
1,006Kb / 2P
Ultra Low Noise Power Supply Module
03.01.10
logo
Texas Instruments
ADS7040 TI1-ADS7040_15 Datasheet
1Mb / 42P
Ultra-Low Power, Ultra-Small Size
logo
Maxim Integrated Produc...
MAX77231 MAXIM-MAX77231 Datasheet
916Kb / 10P
2.75V to 4.8V Input, 10mA Output, 35μVRMS Ultra-Low Noise Boost Regulator Ultra-Small Solution Size (< 7mm2)
Rev 2; 5/16
logo
Monolithic Power System...
MPM3822C MPS-MPM3822C Datasheet
1Mb / 17P
2.75 - 6V, 2A, Ultra-Small and Ultra-Low Noise Power Module
MPM3833C MPS-MPM3833C Datasheet
545Kb / 18P
2.75 - 6V, 3A, Ultra-Small and Ultra-Low Noise Power Module
logo
Richtek Technology Corp...
RTQ2502A RICHTEK-RTQ2502A Datasheet
527Kb / 19P
2A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
RTQ2532W RICHTEK-RTQ2532W Datasheet
447Kb / 20P
2A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
logo
Monolithic Power System...
MPM3860 MPS-MPM3860 Datasheet
1Mb / 21P
1.2MHz, Synchronous 2.75V to 7V, 6A Ultra-Thin Power Module
Rev. 1.0 9/14/2020
MPM3814C MPS-MPM3814C Datasheet
1Mb / 19P
2.75V to 6V, 1A, Ultra-Small Power Module with Ultra-Low Noise
Rev. 1.0 4/15/2022
logo
MPS Industries, Inc.
MPM3834C MPSIND-MPM3834C Datasheet
1Mb / 20P
2.75V to 6V, 3A, Ultra-Small Power Module with Ultra-Low Noise
Rev. 1.01 6/14/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com