Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ4480 Datasheet(PDF) 21 Page - MPS Industries, Inc.

Part # MPQ4480
Description  6A, 36V, Step-Down Converter for Automotive, AEC-Q100 Qualified
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MPQ4480 Datasheet(HTML) 21 Page - MPS Industries, Inc.

Back Button MPQ4480 Datasheet HTML 14Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 15Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 16Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 17Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 18Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 19Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 20Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 21Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 22Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
MPQ4480 – 36V, 6A, SYNC STEP-DOWN CONVERTER FOR AEC1-Q100 QUALIFIED
MPQ4480 Rev. 1.0
www.MonolithicPower.com
21
7/2/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
PGND
EN
IN
AGND
SW
FB
VIN
12V
L1
4.7µH
VCC
BST
C4
220nF
NC
C2A
22µF
+ C1
100µF
C1A
22µF
ILIM
C3
RGND
FREQ/SYNC
GATE
R1
R2
VDROP
1µF
R3
MPQ4480
40.2kΩ
10kΩ
52.3kΩ
+
C2
100µF
SYNC Input
C5
10pF
VCC
R5
R6
Polymer
Cap
VCC
R7
R8
NS
0
NS
0
VOUT
5V
(ESR<50mΩ)
3,15
11
23
12
7
10
4,8,9,14
25
22
18-21
24
2,16
6
1,5,13,17
Figure 11: VIN = 12V, VOUT = 5V, IOUT = 6A, fSW = 440kHz, without CC protection, only buck peak OCP
PGND
EN
IN
AGND
SW
FB
VIN
12V
L1
4.7µH
VCC
BST
C4
220nF
NC
C2A
22µF
+ C1
100µF
C1A
22µF
ILIM
C3
RGND
FREQ/SYNC
GATE
R1
R2
VDROP
USB_GND
1µF
R3
MPQ4480
40.2kΩ
6.2kΩ
60.4kΩ
C2
SYNC Input
C5
10pF
VCC
R5
R6
VCC
R7
R8
NS
0
NS
0
VOUT
5V
3,15
11
23
12
7
10
4,8,9,14
25
22
18-21
24
2,16
6
1,5,13,17
+
100µF
ESR<50mΩ
R7
R7
1kΩ
5.1kΩ
C2A
4.7µF
PWM Signal
3.3V,100kHz,
D=41.5%
Figure 12: VIN = 12V, VOUT = 1V to 11V (5V default), IOUT = 6A, fSW = 380kHz, wireless charging application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com