Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ5850 Datasheet(PDF) 21 Page - MPS Industries, Inc.

Part # MPQ5850
Description  36V, Smart Diode Controller with Reverse Protection,AEC-Q100 Qualified
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MPQ5850 Datasheet(HTML) 21 Page - MPS Industries, Inc.

Back Button MPQ5850 Datasheet HTML 17Page - MPS Industries, Inc. MPQ5850 Datasheet HTML 18Page - MPS Industries, Inc. MPQ5850 Datasheet HTML 19Page - MPS Industries, Inc. MPQ5850 Datasheet HTML 20Page - MPS Industries, Inc. MPQ5850 Datasheet HTML 21Page - MPS Industries, Inc. MPQ5850 Datasheet HTML 22Page - MPS Industries, Inc. MPQ5850 Datasheet HTML 23Page - MPS Industries, Inc. MPQ5850 Datasheet HTML 24Page - MPS Industries, Inc. MPQ5850 Datasheet HTML 25Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
MPQ5850
– 36V, SMART DIODE CONTROLLER W/ REVERSE PROTECTION, AEC-Q100
MPQ5850 Rev. 1.1
MonolithicPower.com
21
2/9/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
FUNCTIONAL BLOCK DIAGRAM
PG
SW
RES
VCC
Control Logic
DRAIN
GATE
Regulation
Fast On
Fast Off
DRAIN
+20mV
DRAIN
+75mV
DRAIN
-4mV
SOURCE
PG Indicator
Part Disabled
RES < RES_UV
Fast On Time >17µs
EN/UVLO
VCC
Regulator
VCC
GND
+
-
220mA
N-Channel
MOSFET
Driver
Figure 1: Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com