Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ9842 Datasheet(PDF) 21 Page - MPS Industries, Inc.

Part # MPQ9842
Description  36V, 2A, Low IQ,Step-Down Converter AEC-Q100 Qualified
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MPQ9842 Datasheet(HTML) 21 Page - MPS Industries, Inc.

Back Button MPQ9842 Datasheet HTML 17Page - MPS Industries, Inc. MPQ9842 Datasheet HTML 18Page - MPS Industries, Inc. MPQ9842 Datasheet HTML 19Page - MPS Industries, Inc. MPQ9842 Datasheet HTML 20Page - MPS Industries, Inc. MPQ9842 Datasheet HTML 21Page - MPS Industries, Inc. MPQ9842 Datasheet HTML 22Page - MPS Industries, Inc. MPQ9842 Datasheet HTML 23Page - MPS Industries, Inc. MPQ9842 Datasheet HTML 24Page - MPS Industries, Inc. MPQ9842 Datasheet HTML 25Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
MPQ9842
– 36V, 2A, LOW IQ, SYNCHRONOUS STEP-DOWN CONVERTER
MPQ9842 Rev. 1.1
www.MonolithicPower.com
21
7/29/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
OPERATION
The MPQ9842 is a synchronous, step-down,
switching regulator with integrated, internal,
high-side and low-side power MOSFETs. The
MPQ9842 provides 2A of highly efficient output
current
with
current
mode
control.
The
MPQ9842 features a wide input voltage range,
switching
frequency
programmable
from
350kHz to 2.5MHz, external soft start, and
precision current limit. Its very low operational
quiescent current makes it suitable for battery-
powered applications.
Pulse-Width Modulation (PWM) Control
At
moderate-to-high
output
currents,
the
MPQ9842 operates in a fixed-frequency, peak-
current-control mode to regulate the output
voltage. An internal clock initiates a PWM cycle.
At the rising edge of the clock, the high-side
power MOSFET (HS-FET) is turned on and
remains on until its current reaches the value
set by the COMP voltage (VCOMP).
If the current in the HS-FET does not reach
VCOMP in one PWM period, the HS-FET remains
on, saving a turn-off operation.
When the high-side power switch is off, the low-
side MOSFET (LS-FET) turns on immediately
and remains on until the next cycle begins.
For each turn-on and -off in a switching cycle,
the HS-FET turns on and off with a minimum on
and off time limit.
Advanced Asynchronous Mode (AAM)
The
MPQ9842
employs
advanced
asynchronous mode (AAM) functionality to
optimize efficiency during light-load or no-load
conditions. AAM can be enabled by connecting
SYNC to a low level (<0.4V) before start-up;
CCM can be able when connecting SYNC to a
high level (>1.8V) before start-up. SYNC can be
used to synchronize switching again after start-
up.
If
continuous
conduction
mode
(CCM)
is
enabled, the MPQ9842 is forced to work with a
fixed frequency regardless of the output load
current.
The
advantage
of
CCM
is
the
controllable frequency and smaller output ripple,
but it also has low efficiency at light load (see
Figure 2).
If AAM is enabled, the MPQ9842 first enters
non-synchronous operation for as long as the
inductor current is approaching zero at light
load. If the load is further decreased or is at no
load, VCOMP drops below the AAM voltage
(VAAM). The MPQ9842 enters power-save mode
(PSM), putting the chip into sleep mode, which
consumes very low quiescent current to further
improve light-load efficiency.
In PSM, the internal clock is reset whenever
VCOMP crosses over VAAM, and the crossover
time is taken as the benchmark of the next
clock. When the load increases, and the DC
value of VCOMP is higher than VAAM, the
operation mode is discontinuous conduction
mode (DCM) or CCM, which have a constant
switching frequency.
AAM
(SYNC = Low)
Inductor
Current
t
t
t
Load
Decreased
Forced CCM
(SYNC = High)
Inductor
Current
t
t
t
Load
Decreased
Figure 2 : AAM and Forced CCM
Error Amplifier (EA)
The error amplifier (EA) compares the FB
voltage with the internal reference (0.8V) and
outputs a current proportional to the difference
between the two. This output current is then
used to charge or discharge the internal
compensation network to form VCOMP, which is
used to control the power MOSFET current.
The optimized internal compensation network
minimizes the external component count and
simplifies the control loop design.
Bootstrap Charging
The bootstrap capacitor (0.1µF to 1µF) is
charged and regulated to about 5V by the
dedicated internal bootstrap regulator. When
the voltage between the BST and SW nodes is
lower
than
its
regulation,
a
PMOS
pass
transistor connected from VIN to BST is turned
on. The charging current path is from VIN to
BST to SW. The external circuit should provide
enough voltage headroom to facilitate charging.
When the HS-FET is on, VIN is about equal to
SW, so the bootstrap capacitor cannot be
charged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com