Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ9842 Datasheet(PDF) 37 Page - MPS Industries, Inc.

Part # MPQ9842
Description  36V, 2A, Low IQ,Step-Down Converter AEC-Q100 Qualified
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MPQ9842 Datasheet(HTML) 37 Page - MPS Industries, Inc.

Back Button MPQ9842 Datasheet HTML 29Page - MPS Industries, Inc. MPQ9842 Datasheet HTML 30Page - MPS Industries, Inc. MPQ9842 Datasheet HTML 31Page - MPS Industries, Inc. MPQ9842 Datasheet HTML 32Page - MPS Industries, Inc. MPQ9842 Datasheet HTML 33Page - MPS Industries, Inc. MPQ9842 Datasheet HTML 34Page - MPS Industries, Inc. MPQ9842 Datasheet HTML 35Page - MPS Industries, Inc. MPQ9842 Datasheet HTML 36Page - MPS Industries, Inc. MPQ9842 Datasheet HTML 37Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 37 / 37 page
background image
MPQ9842
– 36V, 2A, LOW IQ, SYNCHRONOUS STEP-DOWN CONVERTER
NOTICE: The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
MPQ9842 Rev. 1.1
www.MonolithicPower.com
37
7/29/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
REVISION HISTORY
Revision #
Revision Date
Description
Pages Updated
1.0
3/3/2017
Initial Release
-
1.01
10/23/2017
Updated the Recommended Operating Conditions
4
1.02
4/19/2019
Added the MPQ9842-5/33 order package information
1, 2, 3, 20
Updated the Recommended Operating Conditions
4
Added the EMC result of CISPR 25 class 5
9, 10
Added the PHASE and PG pin connection when not used
in pin description
19
Added the force CCM setting when starting up in the pin
description
19
1.1
7/29/2022
Added the MSL rating
2
Deleted
“Under Qualification” in the Ordering Information
section
2
Added the ESD ratings
4
Updated the thermal resistance description for
θJA and θJC,
based on the EVB and the continuous power dissipation
4
Added the 3.3V and 5V fixed output accuracy
5
Updated the load and line regulation curves
11
Updated the Soft Start (SS) section
23
Added the Hot-Plug Application section
27
Modified the POD error for the wettable flank
35
Added the Carrier information section
36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com