Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NXT-325 Datasheet(PDF) 1 Page - Integrated Power Designs Inc.

Part # NXT-325
Description  350 WATTS SINGLE OUTPUT AC-DC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IPDPOWER [Integrated Power Designs Inc.]
Direct Link  https://www.ipdpower.com/
Logo IPDPOWER - Integrated Power Designs Inc.

NXT-325 Datasheet(HTML) 1 Page - Integrated Power Designs Inc.

  NXT-325 Datasheet HTML 1Page - Integrated Power Designs Inc. NXT-325 Datasheet HTML 2Page - Integrated Power Designs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
350 WATTS
SINGLE OUTPUT AC-DC
FEATURES:
CHASSIS/COVER
OPEN FRAME
SAFETY SPECIFICATIONS
Underwriters Laboratories
File E137708/E140259
UL 62368-1:2014, 2nd Edition
CAN/CSA-C22.2 No. 62368-1-14
AAMI/ANSI ES60601-1:2005/(R) 2012
CAN/CSA-C22.2 No. 60601-1:2014
CB Reports/Certificates (including all
National and Group Deviations)
IEC 62368-1:2014, 2nd Edition
IEC 60601-1:2005/A1:2012
TUV SUD America
EN 62368-1:2014, 2nd Edition
EN 60601-1:2006/A1:2013
Low Voltage Directive
(2014/35/EU of February 2014)
RoHS Directive (Recast)
(2015/863/EU of March 2015)
Electrical Equipment (Safety) Regulations 2016 SI No. 1101
Restriction of the Use of Certain Hazardous Substances in EEE Regulations
2012 SI No. 3032 + 2019 SI No.492
MODEL LISTING
OPEN FRAME
CHASSIS/COVER
MODEL
300 LFM
CONVECTION
COOLED
300 LFM
CONVECTION
COOLED
NXT-325-1001
2.5V/65.0A
2.5V/40.0A
2.5V/58.5A
2.5V/36.0A
NXT-325-1002
3.3V/65.0A
3.3V/40.0A
3.3V/58.5A
3.3V/36.0A
NXT-325-1003
5V/65.0A
5V/40.0A
5V/58.5A
5V/36.0A
NXT-325-1004
12V/29.2A
12V/16.7A
12V/26.3A
12V/15.0A
NXT-325-1005
15V/23.3A
15V/13.3A
15V/20.9A
15V/12.0A
NXT-325-1006
24V/14.6A
24V/8.3A
24V/13.1A
24V/7.5A
NXT-325-1007
28V/12.5A
28V/7.1A
28V/11.3A
28V/6.4A
NXT-325-1008
48V/7.3A
48V/4.2A
48V/6.6A
48V/3.8A
Please refer to Output Power Derating chart.
ORDERING INFORMATION
Consult factory for alternate output configurations.
Please specify the following optional features when ordering:
CH - Chassis
LSEVB - Load Share Evaluation Board
CO - Cover
RE - Remote Inhibit
LS - Single Wire Load Sharing
All specifications are maximum at 25°C/maximum rated power unless otherwise stated, may
vary by model and
Are subject to change without notice.
NXT-325
OUTPUT SPECIFICATIONS
Output Power at 50°C(1)
100-202W
Convection Cooled, Open Frame
(See Derating Chart)
163-350W
300LFM Forced-Air Cooled(15)
Power Derating
2.0 WOUT / 1 VIN below 100 VIN
Voltage Centering
 0.5%
(50% load)
Voltage Adjust Range
95-105%
Load Regulation
0.5%
(0-100% load change)
Source Regulation
0.5%
Noise
1.0% or 100mV Whichever is greater
Turn on Overshoot
None
Transient Response
Output recovers to within 1% of initial set point due to a 50%
step load change, 500µS maximum,4%maximum deviation.
Overvoltage Protection
Latching, between 110% and 150% of rated output voltage.
Overpower Protection
110-130% rated Pout, cycle on/off, auto recovery
Hold Up Time
16ms min., Full Power, 85-264V Input
Start Up Time
3 Seconds, 120V Input
INPUT SPECIFICATIONS
Protection Class
I
Source Voltage
85 – 264 Volts AC
Frequency Range
47 – 63 Hz
Input Protection(6)
Internal 8A Time Delay fuse
Peak Inrush Current
50A (cold)
Efficiency
85% Typical, Full Power varies by model
Power Factor
0.95 (Full Power, 230V), 0.98 (Full Power, 120V)
ENVIRONMENTAL SPECIFICATIONS
Ambient Operating
0
C to + 70C
Temperature Range
Derating: See Power Rating Chart
Thermal Shutdown
Output voltage is inhibited during excessive internal
temperatures, automatic reset.
Ambient Storage Temp. Range
- 40
C to + 85C
Operating Relative Humidity Range 20-90% non-condensing
Altitude
3,000m ASL - Operating
O12,192m. ASL – Non-Operating
Temperature Coefficient
0.02%/
C
Vibration
2.5Gswept sine, 10–2000Hz, 1 octave/min, 3axis, 1 houreach
Shock
20g, 11ms, 3 axis.
GENERAL SPECIFICATIONS
Means of Protection
Primary to Secondary
2MOPP (Means of Patient Protection
Primary to Ground
1MOOP (Means of Operator Protection)
Secondary to Ground
Operational Insulation(Consult factory for1MOPP)
Dielectric Strength(8, 9)
Reinforced Insulation
5656 VDC, Primary to Secondary
Basic Insulation
2121 VDC, Primary to Ground
Operational Insulation
707 VDC, Secondary to Ground
Leakage Current
Earth Leakage
<300µA NC, <1000µA SFC
Touch Current
<100µA NC, <500µA SFC
Power Fail Signal(14)
Logic low with input power failure 10 ms minimum prior to
output 1 dropping 1%.
Remote Inhibit (optional)
Isolated. Contact closure inhibits output.
Load Share (optional)(16, 17, 18)
Single wire current sharing with return via negative sense
return. Minimum current share load is 10% of each module’s
output current rating. Maximum output voltage deviation
between modules is 5% for 2.5 through 5 V models and 400
mV for remaining models.
Standby Power (optional)(19)
Isolated 5 Vdc
 10%, 10 mA available only with Remote
Inhibit option.
Remote Sense(10)
400mV compensation of output cable losses
Mean-Time Between Failures
100,000 Hours min., MIL-HDBK-217F, 25° C, GB
Weight
1.40 Lbs. Open Frame/ 2.15 Lbs. Chassis and Cover
EMC SPECIFICATIONS (IEC 60601-1-2:2014, 4TH ed./IEC 61000-6-2:2005)
Electrostatic Discharge
EN 61000-4-2
8KV contact / 15KV air discharge
A
Radiated Electromagnetic Field
EN 61000-4-3
80MHz-2.7GHz, 10V/m, 80% AM
A
Electrical Fast Transients/Bursts
EN 61000-4-4
2 KV, 5KHz/100KHz
A
Surge Immunity
EN 61000-4-5
2 KV line to earth / 1 KV line to line A
Conducted Immunity
EN 61000-4-6
0.15 to 80MHz, 10V, 80% AM
A
Magnetic Field Immunity
EN 61000-4-8
30A/m, 60 Hz.
A
Voltage Dips
EN 61000-4-11 0% UT, 0.5 cycles, 0-315° 100/240V A/A
0% UT, 1 cycles, 0°
100/240V A/A
40% UT, 10/12 cycles, 0° 100/240V B/A
70% UT, 25/30 cycles, 0° 100/240V B/A
Voltage Interruptions
EN 61000-4-11 0% UT, 300 cycles, 0°
100/240V B/B
Radiated Emissions
EN 55011/32
Class B
Conducted Emissions
EN 55011/32
Class B
Harmonic Current Emissions
EN 61000-3-2
Class A
Voltage Fluctuations/Flicker
EN 61000-3-3
Compliant
• Compact 3.9” x 6.0” x 1.5” Size
• 3 Year Warranty
• Universal 85-264V Input
• Single High Efficiency Output
• Power Fail Warning
• 0-70°C Operating Temperature
• RoHS Compliant
• IEC 60601-1 3rd ed. Medical Cert.
• IEC 62368-1 2nd ed. Certification
• IEC 60601-1-2 4th ed. EMC
• Class B Emissions per EN55011/32
• Optional Single Wire Load Sharing
• Optional Remote Inhibit/Enable
• Optional Chassis/Cover
INTEGRATED
POWER DESIGNS 300 Stewart Road ■ Wilkes-Barre, PA 18706 ■ Phone: (570) 824-4666 ■ Fax: (570) 824-4843 ■ Email: sales@ipdpower.com ■ Web: www.ipdpower.com


Similar Part No. - NXT-325

ManufacturerPart #DatasheetDescription
logo
KITAGAWA GmbH
NXT-10 KGS-NXT-10 Datasheet
414Kb / 2P
Snap-mount mini clamp
logo
Integrated Power Design...
NXT-100 IPDPOWER-NXT-100 Datasheet
390Kb / 2P
100 WATTS SINGLE OUTPUT AC-DC
NXT-100-1001 IPDPOWER-NXT-100-1001 Datasheet
390Kb / 2P
100 WATTS SINGLE OUTPUT AC-DC
NXT-100-1002 IPDPOWER-NXT-100-1002 Datasheet
390Kb / 2P
100 WATTS SINGLE OUTPUT AC-DC
NXT-100-1003 IPDPOWER-NXT-100-1003 Datasheet
390Kb / 2P
100 WATTS SINGLE OUTPUT AC-DC
More results

Similar Description - NXT-325

ManufacturerPart #DatasheetDescription
logo
Powerbox
C300 POWERBOX-C300 Datasheet
376Kb / 1P
150 WATTS (AC) DC/DC SINGLE OUTPUT
S600 POWERBOX-S600 Datasheet
418Kb / 1P
350 WATTS DC/DC SINGLE OUTPUT
logo
XP Power Limited
SMP350 XPPOWER-SMP350 Datasheet
959Kb / 6P
AC-DC Power Supplies 350 Watts
logo
Integrated Power Design...
GRN-110S IPDPOWER-GRN-110S Datasheet
401Kb / 2P
110 WATTS SINGLE OUTPUT AC-DC
GRN-80S IPDPOWER-GRN-80S Datasheet
374Kb / 2P
80 WATTS SINGLE OUTPUT AC-DC
NXT-100 IPDPOWER-NXT-100 Datasheet
390Kb / 2P
100 WATTS SINGLE OUTPUT AC-DC
NXT-175 IPDPOWER-NXT-175 Datasheet
431Kb / 2P
175 WATTS SINGLE OUTPUT AC-DC
NXT-225 IPDPOWER-NXT-225 Datasheet
431Kb / 2P
225 WATTS SINGLE OUTPUT AC-DC
NXT-400-FN IPDPOWER-NXT-400-FN Datasheet
322Kb / 2P
400 WATTS SINGLE OUTPUT AC-DC
NXT-400 IPDPOWER-NXT-400 Datasheet
483Kb / 2P
400 WATTS SINGLE OUTPUT AC-DC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com