Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UDB602002 Datasheet(PDF) 1 Page - Lapp.

Part # UDB602002
Description  ÖLFLEX® 190 & 190 CY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

UDB602002 Datasheet(HTML) 1 Page - Lapp.

  UDB602002 Datasheet HTML 1Page - Lapp. UDB602002 Datasheet HTML 2Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Lapp USA
DATA SHEET
ÖLFLEX
® 190 & 190 CY
UDB602002EN
Date: January 1, 2019
Engineer: D. Kocheta
Approval: J. Gavilanes
Document: UDB602002EN
Page 1 of 2
This data sheet contains the latest product specification information available. Data sheet is subject to change without prior notice.
1. APPLICATION
ÖLFLEX
® 190 is a multi-conductor cable with a highly oil-, coolant-, and solvent-resistant jacket for control
and power applications in an industrial environment. It is designed for use in all electrical equipment
under dry, damp and wet conditions. ÖLFLEX
® 190 is also UL TC approved so it can be routed in tray as
well. ÖLFLEX
® 190 CY is a shielded version for EMI and RFI protection.
Applications:
CNC machining centers, grinding machines, bottling equipment, conveyors, processing equipment,
assembly lines, control panels and can substitute for anywhere that industrial equipment cables are used.
Underwriters Laboratories
For Tray use in exposed run applications, Wind Turbines, Machine Tools etc. and internal or external
wiring of electrical and electronic equipment.
Canadian Standards
For Appliance Wiring Material and internal or external wiring of electrical and electronic equipment
applications
.
2. CABLE DESCRIPTION
- Bare copper fine wire
- PVC insulation
- Black color coded conductors with white identification
- Green/Yellow ground wire
- Gray UV, oil and flame resistant specially formulated Inner PVC jacket
- Overall TC Braid Shield
- Gray (RAL 7001) UV, oil and flame resistant specially formulated thermoplastic polymer jacket
3. TECHNICAL DATA
Conductor Stranding
20 AWG (0,50 mm²) to 6 AWG (16,0 mm²): Class 5 (IEC 60228; VDE 0295)
20 & 18 AWG meets only class 5 cross section and DC conductor resistance
4 AWG (21,0 mm²) to 2 AWG (33,7 mm²): Class K
Design / Make-up
Cable is designed in accordance with the requirements of UL Standard 1277
and with CSA standards C22.2 No. 210
Insulation
Specially formulated PVC insulation
Color Code
Black conductors with white numbers plus green/yellow (30% stripe width)
2 conductor cable: No green/yellow ground
Inner Sheath
Specially formulated PVC jacket (ÖLFLEX 190 CY only)
Shield
Tinned Copper Braid Shield (85% coverage) (ÖLFLEX 190 CY only)
Outer Sheath
Specially formulated thermoplastic polymer jacket
Nominal Voltage
UL PLTC (20 AWG Only):
300V
UL TC (18 AWG - 2 AWG):
600V
UL WTTC (18 AWG - 2 AWG) / CSA AWM:
1000V
VDE U0/U:
600/1000V


Similar Part No. - UDB602002

ManufacturerPart #DatasheetDescription
logo
Lapp.
UDB602802 LAPP-UDB602802 Datasheet
38Kb / 2P
UNITRONIC® 190
January 1, 2019
More results

Similar Description - UDB602002

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
855625 TRIQUINT-855625 Datasheet
66Kb / 1P
190 MHz Bandpass Filter
855770 TRIQUINT-855770 Datasheet
506Kb / 5P
190 MHz SAW Filter
logo
Vishay Siliconix
FB190SA10 VISHAY-FB190SA10 Datasheet
185Kb / 9P
Power MOSFET, 190 A
12-Apr-11
logo
Visual Communications C...
SML190CTP VCC-SML190CTP Datasheet
53Kb / 1P
CLIPLITE SML 190
logo
Vishay Siliconix
VS-FB190SA10 VISHAY-VS-FB190SA10 Datasheet
280Kb / 9P
Power MOSFET, 190 A
12-Apr-11
logo
Texas Instruments
TPS62A01EVM-190 TI-TPS62A01EVM-190 Datasheet
598Kb / 7P
TPS62A01EVM-190 and TPS62A01AEVM-190 Evaluation Modules Users Guide
NOVEMBER 2021
logo
Lapp.
1136510 LAPP-1136510 Datasheet
76Kb / 2P
ÖLFLEX® CLASSIC 115 CY BK
23.05.2018
UDB221803 LAPP-UDB221803 Datasheet
106Kb / 2P
ÖLFLEX® TRAY II & TRAY II CY
January 1, 2019
UDB281803 LAPP-UDB281803 Datasheet
105Kb / 2P
ÖLFLEX® CONTROL TM & ÖLFLEX® CONTROL TM CY
January 1, 2019
UDB602802 LAPP-UDB602802 Datasheet
38Kb / 2P
UNITRONIC® 190
January 1, 2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com