Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UDB602002 Datasheet(PDF) 2 Page - Lapp.

Part # UDB602002
Description  ÖLFLEX® 190 & 190 CY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

UDB602002 Datasheet(HTML) 2 Page - Lapp.

  UDB602002 Datasheet HTML 1Page - Lapp. UDB602002 Datasheet HTML 2Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Lapp USA
DATA SHEET
ÖLFLEX
® 190 & 190 CY
UDB602002EN
Date: January 1, 2019
Engineer: D. Kocheta
Approval: J. Gavilanes
Document: UDB602002EN
Page 2 of 2
This data sheet contains the latest product specification information available. Data sheet is subject to change without prior notice.
Test Voltage
2000V
Min Bend radius
For installation:
4 x OD
Shielded
6 x OD
Temperature Range
For stationary use:
-40°C to +90°C
For flexible use:
-5°C to +90°C
Cable Attributes
OR-04, FR-03, WT-02, MP-03
Sunlight resistant, Direct Burial
Approvals
UL Type TC (Tray Cable) - ER* (Exposed Run) per UL 1277
(18 AWG - 2 AWG)
UL WTTC (Wind Turbine Tray Cable) per UL 2277
(18 AWG - 2 AWG)
UL PLTC (Power Limited Tray Cable)
–ER* (Exposed Run) per UL 13
(20 AWG Only)
UL AWM (Appliance Wiring Material) 21098 (Oil), 2587 & 20886 per UL 758
CSA AWM I/II A/B FT4 per CSA C22.2 No. 210
* For
–ER: Minimum 3 conductors required
Additional
NEC Article 336, Article 501
NFPA 79
VDE 250-1 (meets rated voltage requirements only)
LVD 2014/35/EU (Low Voltage Directive)
RoHS directive



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com