Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NAND04GA3C2A Datasheet(PDF) 11 Page - STMicroelectronics

Part # NAND04GA3C2A
Description  4Gbit, 2112 Byte Page, 3V, Multi-level NAND Flash Memory
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND04GA3C2A Datasheet(HTML) 11 Page - STMicroelectronics

Back Button NAND04GA3C2A Datasheet HTML 7Page - STMicroelectronics NAND04GA3C2A Datasheet HTML 8Page - STMicroelectronics NAND04GA3C2A Datasheet HTML 9Page - STMicroelectronics NAND04GA3C2A Datasheet HTML 10Page - STMicroelectronics NAND04GA3C2A Datasheet HTML 11Page - STMicroelectronics NAND04GA3C2A Datasheet HTML 12Page - STMicroelectronics NAND04GA3C2A Datasheet HTML 13Page - STMicroelectronics NAND04GA3C2A Datasheet HTML 14Page - STMicroelectronics NAND04GA3C2A Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
NAND04GA3C2A, NAND04GW3C2A
2 Memory array organization
11/51
2
Memory array organization
The memory array is made up of NAND structures where 32 cells are connected in series.
The memory array is organized in blocks where each block contains 128 pages. The array is
split into two areas, the main area and the spare area. The main area of the array is used to
store data whereas the spare area is typically used to store software flags or Bad Block
identification.
The pages are split into a 2048 Byte main area and a spare area of 64 Bytes.Refer to
Figure 4: Memory Array Organization.
2.1
Bad blocks
The NAND04GA3C2A and NAND04GW3C2A devices may contain Bad Blocks, that is
blocks that contain one or more invalid bits whose reliability is not guaranteed. Additional
Bad Blocks may develop during the lifetime of the device.
The Bad Block Information is written prior to shipping (refer to Section 9.1: Bad block
management for more details).
Table 4: Valid Blocks shows the minimum number of valid blocks in each device. The values
shown include both the Bad Blocks that are present when the device is shipped and the Bad
Blocks that could develop later on.
These blocks need to be managed using Bad Blocks Management and Block Replacement
(refer to Section 9: Software algorithms).
Table 4.
Valid Blocks
Density of Device
Min
Max
4 Gbits
2008
2048



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com