Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NAND04GA3C2A Datasheet(PDF) 37 Page - STMicroelectronics

Part # NAND04GA3C2A
Description  4Gbit, 2112 Byte Page, 3V, Multi-level NAND Flash Memory
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND04GA3C2A Datasheet(HTML) 37 Page - STMicroelectronics

Back Button NAND04GA3C2A Datasheet HTML 33Page - STMicroelectronics NAND04GA3C2A Datasheet HTML 34Page - STMicroelectronics NAND04GA3C2A Datasheet HTML 35Page - STMicroelectronics NAND04GA3C2A Datasheet HTML 36Page - STMicroelectronics NAND04GA3C2A Datasheet HTML 37Page - STMicroelectronics NAND04GA3C2A Datasheet HTML 38Page - STMicroelectronics NAND04GA3C2A Datasheet HTML 39Page - STMicroelectronics NAND04GA3C2A Datasheet HTML 40Page - STMicroelectronics NAND04GA3C2A Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 51 page
background image
NAND04GA3C2A, NAND04GW3C2A
12 DC and AC parameters
37/51
Table 19.
AC Characteristics for Command, Address, Data Input, VDDQ 3V Devices
(1)
Symbol
Alt. Symbol
Parameter
3V I/O
Unit
tALLWH
tALS
Address Latch Low to Write Enable High
AL Setup time
Min
40
ns
tALHWH
Address Latch High to Write Enable High
tCLHWH
tCLS
Command Latch High to Write Enable High
CL Setup time
Min
20
ns
tCLLWH
Command Latch Low to Write Enable High
tDVWH
tDS
Data Valid to Write Enable High
Data Setup time
Min
20
ns
tELWH
tCS
Chip Enable Low to Write Enable High
E Setup time
Min
30
ns
tWHALH
tALH
Write Enable High to Address Latch High
AL Hold time
Min
15
ns
tWHALL
Write Enable High to Address Latch Low
tWHCLH
tCLH
Write Enable High to Command Latch High
CL hold time
Min
10
ns
tWHCLL
Write Enable High to Command Latch Low
tWHDX
tDH
Write Enable High to Data Transition
Data Hold time
Min
15
ns
tWHEH
tCH
Write Enable High to Chip Enable High
E Hold time
Min
10
ns
tWHWL
tWH
Write Enable High to Write Enable Low
W High Hold
time
Min
20
ns
tWLWH
tWP
Write Enable Low to Write Enable High
W Pulse Width
Min
40
ns
tWLWL
tWC
Write Enable Low to Write Enable Low
Write Cycle time
Min
60
ns
1.
AC Characteristics for VDDQ 1.8V devices are still to be determined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com