Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C32PCMA50 Datasheet(PDF) 1 Page - Texas Instruments

Part # TMS320C32PCMA50
Description  DIGITAL SIGNAL PROCESSOR
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C32PCMA50 Datasheet(HTML) 1 Page - Texas Instruments

  TMS320C32PCMA50 Datasheet HTML 1Page - Texas Instruments TMS320C32PCMA50 Datasheet HTML 2Page - Texas Instruments TMS320C32PCMA50 Datasheet HTML 3Page - Texas Instruments TMS320C32PCMA50 Datasheet HTML 4Page - Texas Instruments TMS320C32PCMA50 Datasheet HTML 5Page - Texas Instruments TMS320C32PCMA50 Datasheet HTML 6Page - Texas Instruments TMS320C32PCMA50 Datasheet HTML 7Page - Texas Instruments TMS320C32PCMA50 Datasheet HTML 8Page - Texas Instruments TMS320C32PCMA50 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
TMS320C32
DIGITAL SIGNAL PROCESSOR
SPRS027C – JANUARY 1995 – REVISED DECEMBER 1996
1
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
D High-Performance Floating-Point DSP
– TMS320C32-60 (5 V)
33-ns Instruction Cycle Time
330 Million Operations Per Second
(MOPS), 60 Million Floating-Point
Operations Per Second (MFLOPS), 30
Million Instructions Per Second (MIPS)
– TMS320C32-50 (5 V)
40-ns Instruction Cycle Time
275 MOPS, 50 MFLOPS, 25 MIPS
– TMS320C32-40 (5 V)
50-ns Instruction Cycle Time
220 MOPS, 40 MFLOPS, 20 MIPS
D 32-Bit High-Performance CPU
D 16-/32-Bit Integer and 32-/40-Bit
Floating-Point Operations
D 32-Bit Instruction Word, 24-Bit Addresses
D Two 256 × 32-Bit Single-Cycle, Dual-Access
On-Chip RAM Blocks
D Flexible Boot-Program Loader
D On-Chip Memory-Mapped Peripherals:
– One Serial Port
– Two 32-Bit Timers
– Two-Channel Direct Memory Access
(DMA) Coprocessor With Configurable
Priorities
D Enhanced External Memory Interface That
Supports 8- / 16- / 32-Bit-Wide External RAM
for Data Access and Program Execution
From 16- / 32-Bit-Wide External RAM
D TMS320C30 and TMS320C31 Object Code
Compatible
D Fabricated using 0.7 µm Enhanced
Performance Implanted CMOS (EPIC
™)
Technology by Texas Instruments (TI
™)
D 144-Pin Plastic Quad Flat Package
( PCM Suffix ) 5 V
D Eight Extended-Precision Registers
D Two Address Generators With Eight
Auxiliary Registers and Two Auxiliary
Register Arithmetic Units (ARAUs)
D Two Low-Power Modes
D Two- and Three-Operand Instructions
D Parallel Arithmetic Logic Unit (ALU) and
Multiplier Execution in a Single Cycle
D Block-Repeat Capability
D Zero-Overhead Loops With Single-Cycle
Branches
D Conditional Calls and Returns
D Interlocked Instructions for
Multiprocessing Support
D One External Pin, PRGW, That Configures
the External-Program-Memory Width to
16 or 32 Bits
D Two Sets of Memory Strobes (STRB0 and
STRB1) and One I / O Strobe (IOSTRB )
Allow Zero-Glue Logic Interface to Two
Banks of Memory and One Bank of External
Peripherals
D Separate Bus-Control Registers for Each
Strobe-Control Wait-State Generation,
External Memory Width, and Data Type Size
D STRB0 and STRB1 Memory Strobes Handle
8-, 16-, or 32-Bit External Data Accesses
(Reads and Writes)
D Multiprocessor Support Through the HOLD
and HOLDA Signals Is Valid for All Strobes
description
The TMS320C32 is the newest member of the TMS320C3x generation of digital signal processors ( DSPs) from
Texas Instruments. The TMS320C32 is an enhanced 32-bit floating-point processor manufactured in 0.7-
µm
triple-level-metal CMOS technology. The enhancements to the TMS320C3x architecture include a
variable-width external-memory interface, faster instruction cycle time, power-down modes, two-channel DMA
coprocessor with configurable priorities, flexible boot loader, relocatable interrupt-vector table, and edge- or
level-triggered interrupts.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
EPIC and TI are trademarks of Texas Instruments Incorporated.
Copyright
© 1996, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - TMS320C32PCMA50

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C32PCM TI-TMS320C32PCM Datasheet
645Kb / 44P
DIGITAL SIGNAL PROCESSOR
More results

Similar Description - TMS320C32PCMA50

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
S5L9286F02 SAMSUNG-S5L9286F02 Datasheet
598Kb / 35P
DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TMS320P25 TI-TMS320P25 Datasheet
763Kb / 48P
DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_06 Datasheet
832Kb / 58P
DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_07 Datasheet
826Kb / 58P
DIGITAL SIGNAL PROCESSOR
SM320F2812-HT TI-SM320F2812-HT Datasheet
1Mb / 155P
Digital Signal Processor
SM320C32-EP TI1-SM320C32-EP Datasheet
621Kb / 44P
DIGITAL SIGNAL PROCESSOR
SM320C26B TI1-SM320C26B Datasheet
448Kb / 42P
DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com