Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C32PCMA50 Datasheet(PDF) 18 Page - Texas Instruments

Part # TMS320C32PCMA50
Description  DIGITAL SIGNAL PROCESSOR
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C32PCMA50 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TMS320C32PCMA50 Datasheet HTML 14Page - Texas Instruments TMS320C32PCMA50 Datasheet HTML 15Page - Texas Instruments TMS320C32PCMA50 Datasheet HTML 16Page - Texas Instruments TMS320C32PCMA50 Datasheet HTML 17Page - Texas Instruments TMS320C32PCMA50 Datasheet HTML 18Page - Texas Instruments TMS320C32PCMA50 Datasheet HTML 19Page - Texas Instruments TMS320C32PCMA50 Datasheet HTML 20Page - Texas Instruments TMS320C32PCMA50 Datasheet HTML 21Page - Texas Instruments TMS320C32PCMA50 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 45 page
background image
TMS320C32
DIGITAL SIGNAL PROCESSOR
SPRS027C – JANUARY 1995 – REVISED DECEMBER 1996
18
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
electrical characteristics over recommended ranges of supply voltage (unless otherwise noted)†‡
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
VOH
High-level output voltage
VDD = MIN, IOH = MAX
2.4
3
V
VOL
Low-level output voltage
VDD = MIN, IOL = MAX
0.3
0.6§
V
IOZ
High-impedance state output current
VDD = MAX
– 20
20
µA
II
Input current
VI = VSS to VDD
– 10
10
µA
fx = 40 MHz
TA = 25°C,
160
390
Supply current
fx = 50 MHz
TA = 25 C,
VDD = MAX,
‡
200
425
mA
IDD
Supply current
(see Note 4)
fx = 60 MHz
fx = MAX‡
225
475
(see Note 4)
Standby
IDLE2,
CLKIN shut off
50
µA
CI
Input capacitance
All other
inputs
15¶
pF
Co
Output capacitance
20¶
pF
† All nominal values are at VDD = 5 V, TA (ambient air temperature) = 25°C.
‡ fx is the input clock frequency.
§ VOL(max) = 0.7 V for A(0:23)
¶ Assured by design but not tested
NOTE 4: Actual operating current is less than this maximum value (reference Note 2).
PARAMETER MEASUREMENT INFORMATION
Tester Pin
Electronics
VLoad
IOL
CT
IOH
Output
Under
Test
Where: IOL
= 2 mA (all outputs)
IOH
= 300
µA (all outputs)
VLoad = 2.15 V
CT
= 80-pF typical load-circuit capacitance
Figure 11. Test Load Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com