Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9080Q Datasheet(PDF) 28 Page - ESS Technology,Inc

Part # ES9080Q
Description  32-bit High-Performance 8-Channel DAC
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9080Q Datasheet(HTML) 28 Page - ESS Technology,Inc

Back Button ES9080Q Datasheet HTML 24Page - ESS Technology,Inc ES9080Q Datasheet HTML 25Page - ESS Technology,Inc ES9080Q Datasheet HTML 26Page - ESS Technology,Inc ES9080Q Datasheet HTML 27Page - ESS Technology,Inc ES9080Q Datasheet HTML 28Page - ESS Technology,Inc ES9080Q Datasheet HTML 29Page - ESS Technology,Inc ES9080Q Datasheet HTML 30Page - ESS Technology,Inc ES9080Q Datasheet HTML 31Page - ESS Technology,Inc ES9080Q Datasheet HTML 32Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 146 page
background image
CONFIDENTIAL ADVANCE INFORMATION 0.4.3
ES9080 Product Datasheet
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
28
Analog Features
APLL
The ES9080 features a built-in Analog PLL (APLL) for generating arbitrary system clock frequencies (Fout) when no dedicated external clock is
available. The APLL employs a fractional feedback divider to produce virtually any input/out frequency combination.
Figure 9 - Functional Block Diagram of ES9080 APLL
The following equation describes the relationship between input frequency (Fin) and output frequency (Fout) of the APLL:
������������������������ = (
������������������
������������
) ∗
������������������
������������
The divider ratios are configured using the synchronous I2C register interface using while observing the constraints on the reference (Fref) and VCO
frequencies (Fvco):
������������������������ = (
������������������
������������
)
0.70������������������ < ������������������������ < 1.25������������������
������������������������ = ������������������������ ∗ ������������
90������������������ < ������������������������ < 100������������������
The divider ratios are set using the synchronous I2C interface:
a. Ni = input dividing ratio. Reg 202-200[9:1], PLL_CLK_IN_DIV
b. Nfb = feedback dividing ratio. The feedback divider ratio is a 24 bit fractional value to achieve a high resolution output frequency and is
calculated using:
������������������ =
225
������������������������������
FBDIV is accessible in Reg 199-197[23:0], PLL_CLK_FB_DIV
c.
No = output dividing ratio. Reg 202-200[18:10], PLL_CLK_OUT_DIV
GPIO1/MCLK
DATA_CLK
φ
REG 1V8
NFB
NO
NI
REG 1V2
FOUT
PLL Bypass



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com