Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9080Q Datasheet(PDF) 8 Page - ESS Technology,Inc

Part # ES9080Q
Description  32-bit High-Performance 8-Channel DAC
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9080Q Datasheet(HTML) 8 Page - ESS Technology,Inc

Back Button ES9080Q Datasheet HTML 4Page - ESS Technology,Inc ES9080Q Datasheet HTML 5Page - ESS Technology,Inc ES9080Q Datasheet HTML 6Page - ESS Technology,Inc ES9080Q Datasheet HTML 7Page - ESS Technology,Inc ES9080Q Datasheet HTML 8Page - ESS Technology,Inc ES9080Q Datasheet HTML 9Page - ESS Technology,Inc ES9080Q Datasheet HTML 10Page - ESS Technology,Inc ES9080Q Datasheet HTML 11Page - ESS Technology,Inc ES9080Q Datasheet HTML 12Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 146 page
background image
CONFIDENTIAL ADVANCE INFORMATION 0.4.3
ES9080 Product Datasheet
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
8
40 QFN Pin Descriptions
Pin
Name
Pin Type
Reset State
Pin Description
1
DVDD
Power
Power
Digital core supply, internally supplied
2
AVDD
Power
Power
3.3V or 1.8V I/O supply
3
VCCA
Power
Power
Analog Supply
4
AGND
Ground
Ground
Analog ground
5
OUT1
AO
Ground
Output channel 1
6
OUT3
AO
Ground
Output channel 3
7
GND_SNS_L
AI
Ground
Line driver load ground voltage sense (left, CH 1,3,5,7)
8
OUT5
AO
Ground
Output channel 5
9
OUT7
AO
Ground
Output channel 7
10
AVCC_3V3_L
Power
Power
Analog Regulator 3.3V Supply (left)
11
AVCC_L
Power
Power
Analog Regulator Output (left), internally supplied
12
AGND_L
Ground
Ground
Analog Ground (left)
13
BG_VREF
AO
Ground
Voltage reference
14
AGND_CP
Ground
Ground
Analog Ground for charge pump
15
PNEG
Power
Ground
Integrated chargepump output. Line driver negative supply.
16
C2
-
-
Line driver negative flying capacitor
17
C1
-
-
Line driver positive flying capacitor
18
AVCC_CP
Power
Power
Analog Supply for charge Pump
19
AGND_R
Ground
Ground
Analog Ground (right)
20
AVCC_R
Power
Power
Analog regulator output (right), internally supplied
21
AVCC_3V3_R
Power
Power
Analog Regulator 3.3V Supply (right)
22
OUT8
AO
Ground
Output channel 8
23
OUT6
AO
Ground
Output channel 6
24
GND_SNS_R
AI
Ground
Line driver load ground voltage sense (right, CH 2,4,6,8)
25
OUT4
AO
Ground
Output channel 4
26
OUT2
AO
Ground
Output channel 2
27
CHIP_EN
I/O
HiZ
Active-high chip enable.
28
RT1
I
HiZ
Reserved. Must be connected to DGND for normal operation.
29
SCL_SLAVE
I/O
HiZ
I2C slave interface serial clock input
30
SDA_SLAVE
I/O
HiZ
I2C slave interface data input/output
31
DATA7/GPIO6
I/O
HiZ
Serial DATA7, General I/O 6
32
DATA6/GPIO5
I/O
HiZ
Serial DATA6, General I/O 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com