Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9270 Datasheet(PDF) 3 Page - ESS Technology,Inc

Part # ES9270
Description  High performance USB DAC with Headphone Amplifier ADC, PLL, Jack Detect, Mic, and A/D Mixing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9270 Datasheet(HTML) 3 Page - ESS Technology,Inc

  ES9270 Datasheet HTML 1Page - ESS Technology,Inc ES9270 Datasheet HTML 2Page - ESS Technology,Inc ES9270 Datasheet HTML 3Page - ESS Technology,Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ES9270 Product Brief
v1.0.1
December 23, 2019
3
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-8800 • Fax (408) 643-8801
Typical Application
XOUT
XIN
ADDR
SDAS
SCLS
RESETB
PCM/DSD/DoP
GPIO
DGND
AVDD
AVCC_DAC
VREF
AGND
PNEG
C1
C2
OUT_L
INB_L
GSN_L
IN_L
INB_R
OUT_R
IN_R
GSN_R
ES9270
Application
Processor
1.8V
RT1
XTAL
DCLK (BCK)
DATA1 (WS)
DATA2 (SD)
I2C
1.8V
DVDD
AGND_L AGND_R
AVCC_18
AVCC_33
3.3V
VCCA
3.3V
C1_VC
C2_VC
PNEG_VC
GPIO
SDAM
SCLM
EEPROM
PDM
MIC
Optional
JDET1
JDET2
PB
MBIAS
AMIC_P
AMIC_N
ZREF
OSC
OSC
ACLK2
ACLK1
mic
buttons
I2C
+
+
+
+
VDDA
USB Host
D+
D-
VBUS
VUSB
ADC_R
ADC_L
CODEC
*XTAL is a requirement
Figure 2. Typical Application Diagram



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com