Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9270 Datasheet(PDF) 1 Page - ESS Technology,Inc

Part # ES9270
Description  High performance USB DAC with Headphone Amplifier ADC, PLL, Jack Detect, Mic, and A/D Mixing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9270 Datasheet(HTML) 1 Page - ESS Technology,Inc

  ES9270 Datasheet HTML 1Page - ESS Technology,Inc ES9270 Datasheet HTML 2Page - ESS Technology,Inc ES9270 Datasheet HTML 3Page - ESS Technology,Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Analog Reinvented
ES9270
High performance USB DAC with Headphone Amplifier
ADC, PLL, Jack Detect, Mic, and A/D Mixing
s
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-
8800 • Fax (408) 643-8801
Patented 32-bit HyperStream® II QUAD DAC™
Architecture
32-bit mobile audio DAC/HPA with high dynamic range & ultra-low distortion
+130dB SNR, +117dBA DNR, 2.0Vrms into 100k
-112dB THD+N, 2.0Vrms into 100k
-108dB THD+N, 1.0Vrms into 32
Supports synchronous and asynchronous sampling modes
Experience Sabre HiFi® all the way to headphones
Analog PLL
Simplifies clocking requirements and reduces PCB size and BOM cost
Versatile digital audio input port
Supports master/slave PCM (I2S, LJ 16-32-bit), DSD and DoP formats.
Customizable filter characteristics
3 preset filters, programmable filter coefficients for custom sound signature
Integrated ADCs for analog/digital mixing
102dBA DNR, -88dB THD+N 1Vrms
2 stereo PDM inputs, 1 differential analog input, 2 single-ended analog inputs
Mix mode for side-tone and sound overlay on digital audio
Integrated low noise DAC reference regulator
Programmable voltage, reduced BOM cost and improved DNR
Jack Detect with moisture protection
Dual pin jack detect can wake the ES9270 automatically and prevent false positives
Programmable analog gain
Lower noise gain at real-life listening levels
Eliminates external thin film resistors, reduces PCB size and BOM cost
Patented Time Domain Jitter Eliminator
Unmatched audio clarity free from input clock jitter
USB 2.0 Audio Support
Supporting PCM 384kHz Audio rates over USB
APPLICATIONS
• USB headphones, USB headphone adapters, Digital music players, Portable multimedia players
• Professional digital audio workstations and mixer consoles
• Consumer and Audiophile USB DAC headphone amplifiers and A/V receivers
FEATURE
DESCRIPTION
s
The ES9270 is a feature-rich 32-bit, 2-channel USB audio D/A converter with headphone amplifier, PLL, Jack Detect, ADC and support for both
analog and digital mics, and analog/digital mixing. It has been designed for professional applications (mixer consoles, digital audio workstations),
audiophile-grade portable applications (headphones, headphone adapters and digital music players), and consumer applications (USB DACs and
A/V receivers). Using the critically acclaimed ESS patented HyperStream® II QUAD DAC™ architecture and Time Domain Jitter Eliminator, the
ES9270 delivers a performance level that will satisfy the most demanding audio enthusiast.
The versatile audio input port accepts PCM, DSD and DoP. The integrated SABRE DAC supports up to 32-bit 384kHz PCM, and DSD audio data
via master/slave interface in synchronous and asynchronous sampling modes. Audio rates of 384kHz and DoP are supported over USB.
The integrated class-G SABRE Headphone Amp supports up to 2Vrms output. Programmable analog gain and integrated low-noise DAC
reference regulator minimize noise gain at typical listening levels and reduce PCB area and BOM cost.
The Jack Detect feature automatically wakes the device, accurately measures load impedance and prevents false positives due to moisture
infiltration without any support from the application processor.
Aux Mix mode allows analog signals to be seamlessly overlaid onto digital audio even during DSD & DoP playback.
ES9270 may be customized for any application with firmware-controlled behavior and both volatile and non-volatile memory options.


Similar Part No. - ES9270

ManufacturerPart #DatasheetDescription
logo
ESS Technology,Inc
ES9218P ESS-ES9218P Datasheet
2Mb / 101P
32-bit Stereo Low Power DAC with Headphone Amplifier, Analog Volume Control, and Output Switch
ES9218PC ESS-ES9218PC Datasheet
2Mb / 101P
32-bit Stereo Low Power DAC with Headphone Amplifier, Analog Volume Control, and Output Switch
ES9218PQ ESS-ES9218PQ Datasheet
2Mb / 101P
32-bit Stereo Low Power DAC with Headphone Amplifier, Analog Volume Control, and Output Switch
ES9219 ESS-ES9219 Datasheet
1Mb / 67P
32-bit Stereo Low Power DAC with Headphone Amplifier, Analog Volume Control, and Output Switch
February 27, 2020
ES9219C ESS-ES9219C Datasheet
1Mb / 67P
32-bit Stereo Low Power DAC with Headphone Amplifier, Analog Volume Control, and Output Switch
February 27, 2020
More results

Similar Description - ES9270

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5702 AKM-AK5702 Datasheet
967Kb / 76P
4-Channel ADC with PLL & MIC-AMP
AKD4370-B AKM-AKD4370-B Datasheet
850Kb / 30P
24bit DAC with Headphone Amplifier
AKD4371-B AKM-AKD4371-B Datasheet
943Kb / 33P
24bit DAC with Headphone Amplifier
logo
Renesas Technology Corp
M65856SP RENESAS-M65856SP Datasheet
295Kb / 19P
Digital Echo with Mic-mixing Circuit
logo
Analog Devices
AD1938 AD-AD1938_17 Datasheet
547Kb / 33P
4 ADC/8 DAC with PLL
Rev. E
AD1939 AD-AD1939_17 Datasheet
552Kb / 33P
4 ADC/8 DAC with PLL
Rev. E
ADAU1328 AD-ADAU1328_17 Datasheet
395Kb / 33P
2 ADC/8 DAC with PLL
Rev. B
logo
Princeton Technology Co...
PT2392 PTC-PT2392 Datasheet
268Kb / 5P
Digital Echo with MIC Mixing Amp
logo
ESS Technology,Inc
ES9068A ESS-ES9068A Datasheet
273Kb / 3P
High performance DAC with MQA, PLL, Differential ADC,and Audio Mixing
March 31, 2021
ES9281APRO ESS-ES9281APRO Datasheet
300Kb / 4P
High performance USB DAC with Headphone Amplifier,MQA, ADC, PLL, Jack Detect, Mic, and A/D Mixing
April 15, 2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com