Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9826Q Datasheet(PDF) 49 Page - ESS Technology,Inc

Part # ES9826Q
Description  32-bit High performance 2 Channel ADC w/PGA
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9826Q Datasheet(HTML) 49 Page - ESS Technology,Inc

Back Button ES9826Q Datasheet HTML 45Page - ESS Technology,Inc ES9826Q Datasheet HTML 46Page - ESS Technology,Inc ES9826Q Datasheet HTML 47Page - ESS Technology,Inc ES9826Q Datasheet HTML 48Page - ESS Technology,Inc ES9826Q Datasheet HTML 49Page - ESS Technology,Inc ES9826Q Datasheet HTML 50Page - ESS Technology,Inc ES9826Q Datasheet HTML 51Page - ESS Technology,Inc ES9826Q Datasheet HTML 52Page - ESS Technology,Inc ES9826Q Datasheet HTML 53Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 88 page
background image
ES9826 Datasheet
VERSION 0.1.2
49
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM
Register 2: SYNC CONTROL
Bits
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
Default
1'b0
1'b1
1'b0
1'b0
1'b1
1'b1
1'b1
1'b1
Bits
Mnemonic
Description
[7]
FORCE_PHASE_ADC_CLK
Forces the ADC_CLK phase to use the state of Reg4[6]
ADC_CLK_INV.
• 1'b0: Automatically determine the best phase. (default)
• 1'b1: Use the state of ADC_CLK_INV
[6]
RESERVED
NA
[5]
FORCE_PHASE_CLK_IADC
Sets phase of CLK_IADC with the value of PHASE_CLK_IADC.
• 1'b0: Auto phase tuning if
AUTO_CLK_IADC_PHASE_SYNC is set
• 1'b1: Sets phase by PHASE_CLK_IADC
[4]
PHASE_CLK_IADC
Sets phase of CLK_IADC relative to MCLK when
FORCE_PHASE_CLK_IADC is set. Only used when MCLK is
faster than CLK_IADC.
• 1'b0: Phase 0 (default)
• 1'b1: Phase 1
[3]
AUTO_CLK_IADC_PHASE_SYNC
Allows phase of CLK_IADC to be tuned automatically according
to ADC input data. Only used when MCLK is faster than
CLK_IADC.
• 1'b0: CLK_IADC phase tuning disabled
• 1'b1: Auto CLK_IADC phase tuning (default)
[2]
AUTO_WS_PHASE_SYNC
Uses WS input from GPIO2 as the sync reference.
• 1'b0: WS is not the sync reference
• 1'b1: WS is the sync reference
[1]
AUTO_ICG_SYNC
Allows programmable clock dividers to auto sync to the
reference.
• 1'b0: Auto sync disabled
• 1'b1: Auto sync enabled (default)
[0]
AUTO_FS_CLK_GEN_SYNC
Allows FS signals to auto sync to the reference.
• 1'b0: Auto sync disabled
• 1'b1: Auto sync enabled (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com