Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9826Q Datasheet(PDF) 12 Page - ESS Technology,Inc

Part # ES9826Q
Description  32-bit High performance 2 Channel ADC w/PGA
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9826Q Datasheet(HTML) 12 Page - ESS Technology,Inc

Back Button ES9826Q Datasheet HTML 8Page - ESS Technology,Inc ES9826Q Datasheet HTML 9Page - ESS Technology,Inc ES9826Q Datasheet HTML 10Page - ESS Technology,Inc ES9826Q Datasheet HTML 11Page - ESS Technology,Inc ES9826Q Datasheet HTML 12Page - ESS Technology,Inc ES9826Q Datasheet HTML 13Page - ESS Technology,Inc ES9826Q Datasheet HTML 14Page - ESS Technology,Inc ES9826Q Datasheet HTML 15Page - ESS Technology,Inc ES9826Q Datasheet HTML 16Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 88 page
background image
ES9826 Datasheet
VERSION 0.1.2
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM
12
GPIO Table
In analog input mode, DC blocking can be enabled and/or disabled by setting GPIO5.
In digital PDM input mode, GPIO4 and GPIO5 are the PDM data and PDM_CLK, respectively.
GPIO3/DATA2 is always the digital data output, either in hardware TDM, PCM, or S/PDIF modes.
GPIO #
Input/Output
HW3 State
HW mode function
DATA2/GPIO3
Output
0 / 1
PCM data
Pull 0 / Pull 1
S/PDIF data
GPIO4
Input
0 / Pull 0
Must connect to Ground
GPIO5
Input
0 / Pull 0
DC Block enable
Table 6 – Analog ADC GPIO functions in Hardware mode
GPIO #
Input/Output
HW3 State
HW mode function
DATA2/GPIO3
Output
0 / 1
PCM data
Pull 0 / Pull 1
S/PDIF data
GPIO4
Input
Pull 1 / 1
PDM data
GPIO5
Output
Pull 1 / 1
PDM clock
Table 7 – Digital PDM GPIO functions in hardware mode
Mute
Set MUTE_MCLK_CTRL (Pin 1) to mute the output while in Hardware Mode:
HW MUTE Control (Pin 1)
Condition
0
Mute (MCLK 24.576MHz)
1
Unmute (MCLK 24.576MHz)
Pull 0
Mute (MCLK 49.152MHz)
Pull 1
Unmute (MCLK 49.152MHz)
Table 8 – Mute Control for HW mode configuration
Note: If MUTE_MCLK_CTRL (Pin 1) is set incorrectly, then it may seem that the ADC has higher noise than specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com