Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4544 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # 2SC4544
Description  TO-220-3L Plastic-Encapsulate Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

2SC4544 Datasheet(HTML) 2 Page - Nanjing International Group Co

  2SC4544 Datasheet HTML 1Page - Nanjing International Group Co 2SC4544 Datasheet HTML 2Page - Nanjing International Group Co 2SC4544 Datasheet HTML 3Page - Nanjing International Group Co 2SC4544 Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL
CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=100µA,IE=0
300
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=10mA,IB=0
300
V
Emitter-base breakdown voltage
V(BR)EBO
IE=100µA,IC=0
7
V
Collector cut-off current
ICBO
CB
V
=240V,IE=0
1.0
µA
Emitter cut-off current
IEBO
EB
V =7V,IC=0
1.0
µA
hFE(1)
CE
V
=10V,IC=4mA
20
DC current gain
hFE(2)
CE
V
=10V,IC=20mA
30
200
Collector-emitter saturation voltage
VCE(sat)
C
I =10mA, IB=1mA
1.0
V
Base-emitter saturation voltage
VBE(sat)
C
I =10mA, IB=1mA
1.0
V
Transition frequency
fT
CE
V
=10V,IC=20mA
70
50
MHz
Collector output capacitance
Cob
CB
V
=20V,IE=0,f=1MHz
3.0
pF
2/4
Dongguan Nanjing Electronics Ltd.
www.dgnjdz.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com