Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4544 Datasheet (PDF) - Nanjing International Group Co

2SC4544 Datasheet PDF - Nanjing International Group Co
Part # 2SC4544
Download  2SC4544 Download
File Size   1315.63 Kbytes
Page   4 Pages
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co
Description TO-220-3L Plastic-Encapsulate Transistors

2SC4544 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC4544 Datasheet PDF - Nanjing International Group Co

Part # 2SC4544
Download  2SC4544 Click to download

File Size   1315.63 Kbytes
Page   4 Pages
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co
Description TO-220-3L Plastic-Encapsulate Transistors

2SC4544 Datasheet (HTML) - Nanjing International Group Co


2SC4544 Product details

FEATURES
High voltage: V (BR) CEO = 300 V
Small collector output capacitance: Cob = 3.0 pF (typ.)
Collector metal (fin) is fully covered with mold resin.




Similar Part No. - 2SC4544

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC4544 TOSHIBA-2SC4544 Datasheet
203Kb / 3P
NPN TRIPLE DIFFUSE TYPE (HIGH VOLTAGE SWITCHING AND AMPLIFIER, COLOR TV HORIZONTAL DIRVER, CHROMA OUTPUT APPLICATIONS)
2SC4544 TOSHIBA-2SC4544 Datasheet
134Kb / 5P
Silicon NPN Triple Diffuse Type (PCT Process)
logo
Savantic, Inc.
2SC4544 SAVANTIC-2SC4544 Datasheet
204Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC4544 ISC-2SC4544 Datasheet
235Kb / 2P
isc Silicon NPN Power Transistor
logo
Savantic, Inc.
2SC4544 SAVANTIC-2SC4544 Datasheet
205Kb / 3P
Silicon NPN Power Transistors
More results


Similar Description - 2SC4544

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
TIP127 DGNJDZ-TIP127 Datasheet
1Mb / 2P
TO-220-3L Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SB507 JIANGSU-2SB507 Datasheet
361Kb / 2P
TO-220-3L Plastic-Encapsulate Transistors
2SB861 JIANGSU-2SB861 Datasheet
1Mb / 3P
TO-220-3L Plastic-Encapsulate Transistors
2SB1185 JIANGSU-2SB1185 Datasheet
549Kb / 2P
TO-220-3L Plastic-Encapsulate Transistors
2SD2137 JIANGSU-2SD2137 Datasheet
624Kb / 2P
TO-220 -3L Plastic-Encapsulate Transistors
2SD2137A JIANGSU-2SD2137A Datasheet
570Kb / 2P
TO-220-3L Plastic-Encapsulate Transistors
2SA1012 JIANGSU-2SA1012 Datasheet
3Mb / 3P
TO-220-3L Plastic-Encapsulate Transistors
TIP42 JIANGSU-TIP42 Datasheet
1Mb / 3P
TO-220-3L Plastic-Encapsulate Transistors
logo
Nanjing International G...
TIP147 DGNJDZ-TIP147 Datasheet
1Mb / 4P
TO-220-3L Plastic-Encapsulate Transistors
2SB1185 DGNJDZ-2SB1185 Datasheet
1Mb / 3P
TO-220-3L Plastic-Encapsulate Transistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com