Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

26LS30 Datasheet(PDF) 2 Page - ON Semiconductor

Part # 26LS30
Description  Dual Differential (EIA-422-A)/Quad Single-Ended (EIA-423-A) Line Drivers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

26LS30 Datasheet(HTML) 2 Page - ON Semiconductor

  26LS30 Datasheet HTML 1Page - ON Semiconductor 26LS30 Datasheet HTML 2Page - ON Semiconductor 26LS30 Datasheet HTML 3Page - ON Semiconductor 26LS30 Datasheet HTML 4Page - ON Semiconductor 26LS30 Datasheet HTML 5Page - ON Semiconductor 26LS30 Datasheet HTML 6Page - ON Semiconductor 26LS30 Datasheet HTML 7Page - ON Semiconductor 26LS30 Datasheet HTML 8Page - ON Semiconductor 26LS30 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
MC26LS30
http://onsemi.com
2
MAXIMUM OPERATING CONDITIONS (Pin numbers refer to SO−16 package only.)
Rating
Symbol
Value
Unit
Power Supply Voltage
VCC
VEE
−0.5, +7.0
−7.0, +0.5
Vdc
Input Voltage (All Inputs)
Vin
−0.5, +20
Vdc
Applied Output Voltage when in High Impedance Mode
(VCC = 5.0 V, Pin 4 = Logic 0, Pins 3, 6 = Logic 1)
Vza
±15
Vdc
Output Voltage with VCC, VEE = 0 V
Vzb
±15
Output Current
IO
Self limiting
−
Junction Temperature
TJ
−65, +150
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
Devices should not be operated at these limits. The “Recommended Operating Conditions” table provides conditions for actual device operation.
RECOMMENDED OPERATING CONDITIONS
Rating
Symbol
Min
Typ
Max
Unit
Power Supply Voltage (Differential Mode)
VCC
VEE
+4.75
−0.5
5.0
0
+5.25
+0.3
Vdc
Power Supply Voltage (Single−Ended Mode)
VCC
VEE
+4.75
−5.25
+5.0
−5.0
+5.25
−4.75
Input Voltage (All Inputs)
Vin
0
−
+15
Vdc
Applied Output Voltage (when in High Impedance Mode)
Vza
−10
−
+10
Applied Output Voltage, VCC = 0
Vzb
−10
−
+10
Output Current
IO
−65
−
+65
mA
Operating Ambient Temperature (See text)
TA
−40
−
+85
°C
All limits are not necessarily functional concurrently.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com