Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

26LS30 Datasheet(PDF) 3 Page - ON Semiconductor

Part # 26LS30
Description  Dual Differential (EIA-422-A)/Quad Single-Ended (EIA-423-A) Line Drivers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

26LS30 Datasheet(HTML) 3 Page - ON Semiconductor

  26LS30 Datasheet HTML 1Page - ON Semiconductor 26LS30 Datasheet HTML 2Page - ON Semiconductor 26LS30 Datasheet HTML 3Page - ON Semiconductor 26LS30 Datasheet HTML 4Page - ON Semiconductor 26LS30 Datasheet HTML 5Page - ON Semiconductor 26LS30 Datasheet HTML 6Page - ON Semiconductor 26LS30 Datasheet HTML 7Page - ON Semiconductor 26LS30 Datasheet HTML 8Page - ON Semiconductor 26LS30 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
MC26LS30
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (EIA−422−A differential mode, Pin 4
p 0.8 V, −40°C tTA t 85°C, 4.75 V p VCC p 5.25 V,
VEE = Gnd, unless otherwise noted. Pin numbers refer to SO−16 package only.)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage (see Figure 1)
Differential, RL = ∞, VCC = 5.25 V
Differential, RL = 100 Ω, VCC = 4.75 V
Change in Differential Voltage, RL = 100 Ω (Note 4)
Offset Voltage, RL = 100 Ω
Change in Offset Voltage*, RL = 100 Ω
VOD1
VOD2
∆VOD2
VOS
∆VOS
−
2.0
−
−
−
4.2
2.6
10
2.5
10
6.0
−
400
3.0
400
Vdc
Vdc
mVdc
Vdc
mVdc
Output Current (each output)
Power Off Leakage, VCC = 0, −10 V p VO p +10 V
High Impedance Mode, VCC = 5.25 V, −10 V p VO p +10 V
Short Circuit Current (Note 2)
High Output Shorted to Pin 5 (TA = 25°C)
High Output Shorted to Pin 5 (−40
°C t TA t+85°C)
Low Output Shorted to +6.0 V (TA = 25°C)
Low Output Shorted to +6.0 V (−40
°C t TA t +85°C)
IOLK
IOZ
ISC−
ISC−
ISC+
ISC+
−100
−100
−150
−150
60
50
0
0
−95
−
75
−
+100
+100
−60
−50
150
150
µA
mA
Inputs
Low Level Voltage
High Level Voltage
Current @ Vin = 2.4 V
Current @ Vin = 15 V
Current @ Vin = 0.4 V
Current, 0
p Vin p 15 V, VCC = 0
Clamp Voltage (Iin = −12 mA)
VIL
VIH
IIH
IIHH
IIL
IIX
VIK
−
2.0
−
−
−200
−
−1.5
−
−
0
0
−8.0
0
−
0.8
−
40
100
−
−
−
Vdc
Vdc
µA
Vdc
Power Supply Current (VCC = +5.25 V, Outputs Open)
(0
p Enable p VCC)
ICC
−
16
30
mA
TIMING CHARACTERISTICS (EIA−422−A differential mode, Pin 4
p 0.8 V, TA = 25°C, VCC = 5.0 V, VEE = Gnd, (Notes 1 and 3)
unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Differential Output Rise Time (Figure 3)
tr
−
70
200
ns
Differential Output Fall Time (Figure 3)
tf
−
70
200
ns
Propagation Delay Time − Input to Differential Output
Input Low to High (Figure 3)
Input High to Low (Figure 3)
tPDH
tPDL
−
−
90
90
200
200
ns
Skew Timing (Figure 3)
tPDH to tPDL for Each Driver
Max to Min tPDH Within a Package
Max to Min tPDL Within a Package
tSK1
tSK2
tSK3
−
−
−
9.0
2.0
2.0
−
−
−
ns
Enable Timing (Figure 4)
Enable to Active High Differential Output
Enable to Active Low Differential Output
Enable to 3−State Output From Active High
Enable to 3−State Output From Active Low
tPZH
tPZL
tPHZ
tPLZ
−
−
−
−
150
190
80
110
300
350
350
300
ns
1. All voltages measured with respect to Pin 5.
2. Only one output shorted at a time, for not more than 1 second.
3. Typical values established at +25
°C, VCC = +5.0 V, VEE = −5.0 V.
4. Vin switched from 0.8 to 2.0 V.
5. Imbalance is the difference between
VO2 with Vin t 0.8 V and VO2 with Vin u 2.0 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com