Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEVKIT-ECM-001 Datasheet(PDF) 2 Page - CUI Devices

Part # DEVKIT-ECM-001
Description  MICROPHONE DEVELOPMENT KIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

DEVKIT-ECM-001 Datasheet(HTML) 2 Page - CUI Devices

  DEVKIT-ECM-001 Datasheet HTML 1Page - CUI Devices DEVKIT-ECM-001 Datasheet HTML 2Page - CUI Devices DEVKIT-ECM-001 Datasheet HTML 3Page - CUI Devices DEVKIT-ECM-001 Datasheet HTML 4Page - CUI Devices DEVKIT-ECM-001 Datasheet HTML 5Page - CUI Devices DEVKIT-ECM-001 Datasheet HTML 6Page - CUI Devices DEVKIT-ECM-001 Datasheet HTML 7Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CUI DEVICES | MODEL: DEVKIT-ECM-001 | DESCRIPTION: MICROPHONE DEVELOPMENT KIT
date 04/13/2023 | page 2 of 7
cuidevices.com
CIRCUIT DIAGRAMS & BOARD LAYOUTS
1
MIC5
CMC-2742PBJ-A
1
MIC7
CMC-6015-47P
1
MIC6
CMR-2747PB-A
1
MIC8
CMEJ-0413-42-SMT-TR
25V
1uF
C5
GND5
VDD5
J5
J9
J10
J11
J12
1k
R1
OUT5
J1
25V
1uF
C1
25V
1uF
C6
VDD6
J6
2.21k
R2
OUT6
J2
25V
1uF
C2
25V
1uF
C7
VDD7
J7
2.21k
R3
OUT7
J3
25V
1uF
C3
25V
1uF
C8
VDD8
J8
2.21k
R4
OUT8
J4
25V
1uF
C4
GND6
GND7
GND8
R4
R3
R2
R1
C8
C7
C6
C5
C3
C1
C4
C2
MIC8
MIC7
MIC6
MIC5
Additional Resources: Product Page



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com