Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEVKIT-ECM-001 Datasheet(PDF) 3 Page - CUI Devices

Part # DEVKIT-ECM-001
Description  MICROPHONE DEVELOPMENT KIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

DEVKIT-ECM-001 Datasheet(HTML) 3 Page - CUI Devices

  DEVKIT-ECM-001 Datasheet HTML 1Page - CUI Devices DEVKIT-ECM-001 Datasheet HTML 2Page - CUI Devices DEVKIT-ECM-001 Datasheet HTML 3Page - CUI Devices DEVKIT-ECM-001 Datasheet HTML 4Page - CUI Devices DEVKIT-ECM-001 Datasheet HTML 5Page - CUI Devices DEVKIT-ECM-001 Datasheet HTML 6Page - CUI Devices DEVKIT-ECM-001 Datasheet HTML 7Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CUI DEVICES | MODEL: DEVKIT-ECM-001 | DESCRIPTION: MICROPHONE DEVELOPMENT KIT
date 04/13/2023 | page 3 of 7
cuidevices.com
CMC -2742PBJ-A
WWW.CUIDEVICES.COM/PRODUCT/AUDIO/MICROPHONES/MEMS-MICROPHONES/CMC-2742PBJ-A
ELECTRICAL
parameter
conditions/description
min
typ
max
units
directivity
omnidirectional
sensitivity (S)
f = 1 kHz, 1 Pa, 0 dB = 1 V/Pa
-45
-42
-39
dB
supply voltage (VDD)
2
10
Vdc
current consumption (IDSS)
Vs = 2.0 Vdc, RL = 2.2 kΩ
400
µA
sensitivity reduction
f = 1 kHz, 1 Pa, Vs = 2.0 ~ 1.5 Vdc
-3
dB
frequency (f)
100
20,000
Hz
signal to noise ratio (S/N)
f = 1 kHz, 1 Pa, A-weighted
58
dBA
output impedance (Zout)
f = 1 kHz, 1 Pa
2.2
kΩ
Notes:
1. All specifications measured at 23±2°C, humidity at 55±20%, unless otherwise noted.
FREQUENCY RESPONSE CURVE
Additional Resources: Product Page



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com