Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR0530-CA2-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # MBR0530-CA2-R
Description  SCHOTTKY RECTIFIER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MBR0530-CA2-R Datasheet(HTML) 2 Page - Unisonic Technologies

  MBR0530-CA2-R Datasheet HTML 1Page - Unisonic Technologies MBR0530-CA2-R Datasheet HTML 2Page - Unisonic Technologies MBR0530-CA2-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MBR0530
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R601-014,A
ABSOLUTE MAXIMUM RATINGS (Ta=25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
30
V
Maximum DC Blocking Voltage
VR
30
V
Working Peak Reverse Voltage
VRWM
30
V
Maximum RMS Reverse Voltage
VR(RMS)
21
V
Maximum Voltage Rate of Change (Rated VR)
dv/dt
1000
V/µs
Average Rectified Forward Current
IOUT
500
mA
Non-Repetitive Peak Forward Surge Current
IFSM
5.5
A
Power Dissipation
PD
410
mW
Storage Temperature
TSTG
-65 ~ +150
℃
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Thermal Resistance Junction to Ambient
θJA
244
℃
/W
ELECTRICAL CHARACTERISTICS (TA=25℃, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Reverse Breakdown Voltage
BVR
IR=130µA
30
V
VF1
IF=0.1A
0.375
Forward Voltage Drop
VF2
IF=0.5A
0.430
V
IR1
VR=15V
20
Reverse Leakage Current
IR2
VR=30V
130
µA
Total Capacitance
CT
VR=1V, f=1MHz
170
pF
Typical Reverse Recovery Time
tRR
IF=IR=10mA, RL=100Ω,
recover to 0.1 x IR
4
ns



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com