Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR0530-CA2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # MBR0530-CA2-R
Description  SCHOTTKY RECTIFIER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MBR0530-CA2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  MBR0530-CA2-R Datasheet HTML 1Page - Unisonic Technologies MBR0530-CA2-R Datasheet HTML 2Page - Unisonic Technologies MBR0530-CA2-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
MBR0530
DIODE
www.unisonic.com.tw
1 of 3
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R601-014,A
SCHOTTKY RECTIFIER
FEATURES
* For surface mounted applications
* Low forward voltage drop (VF=0.37V Typ. at 0.1A)
* Guard ring for transient and ESD protection
SOD-123
+
-
SOD-323
+
-
*Pb-free plating product number: MBR0530L
ORDERING INFORMATION
Order Number
Normal
Lead Free Plating
Package
Packing
MBR0530-CA2-R
MBR0530L-CA2-R
SOD-123
Tape Reel
MBR0530-CB2-R
MBR0530L-CB2-R
SOD-323
Tape Reel
MBR0530L-CA2-R
(1)Packing Type
(2)Package Type
(3)Lead Plating
(1) R: Tape Reel
(2) CA2: SOD-123, CB2: SOD-323
(3) L: Lead Free Plating, Blank: Pb/Sn
MARKING
B 3
Lead Plating


Similar Part No. - MBR0530-CA2-R

ManufacturerPart #DatasheetDescription
logo
Sensitron
MBR0530-G SENSITRON-MBR0530-G Datasheet
150Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Formosa MS
MBR0530-M FORMOSA-MBR0530-M Datasheet
80Kb / 2P
Chip Schottky Barrier Diodes - Silicon epitaxial planer type
MBR0530-N FORMOSA-MBR0530-N Datasheet
80Kb / 2P
Chip Schottky Barrier Diodes - Silicon epitaxial planer type
More results

Similar Description - MBR0530-CA2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MBR0540 UTC-MBR0540 Datasheet
83Kb / 3P
SCHOTTKY RECTIFIER DIODE
logo
List of Unclassifed Man...
MS503 ETC2-MS503 Datasheet
232Kb / 3P
Schottky Rectifier Diode
logo
Seme LAB
1N5819D2A SEME-LAB-1N5819D2A Datasheet
194Kb / 4P
SCHOTTKY RECTIFIER DIODE
logo
Infineon Technologies A...
BAS3020B INFINEON-BAS3020B Datasheet
131Kb / 7P
Schottky Rectifier Diode
2007-12-14
logo
Seme LAB
1N5819CSM4 SEME-LAB-1N5819CSM4_09 Datasheet
117Kb / 3P
SCHOTTKY RECTIFIER DIODE
logo
Shanghai Shunye Electro...
25SQ045 SHUNYE-25SQ045 Datasheet
395Kb / 2P
SCHOTTKY RECTIFIER DIODE
logo
TT Electronics.
1N5806D2 TTELEC-1N5806D2 Datasheet
461Kb / 4P
SCHOTTKY RECTIFIER DIODE
1N5819CSM4 TTELEC-1N5819CSM4 Datasheet
117Kb / 3P
SCHOTTKY RECTIFIER DIODE
1N5819D2 TTELEC-1N5819D2 Datasheet
386Kb / 4P
SCHOTTKY RECTIFIER DIODE
logo
Inchange Semiconductor ...
STPS160H100TV ISC-STPS160H100TV Datasheet
550Kb / 3P
Schottky Rectifier Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com