Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC97A6L-T92-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # MAC97A6L-T92-R
Description  LOGIC LEVEL TRIAC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MAC97A6L-T92-R Datasheet(HTML) 1 Page - Unisonic Technologies

  MAC97A6L-T92-R Datasheet HTML 1Page - Unisonic Technologies MAC97A6L-T92-R Datasheet HTML 2Page - Unisonic Technologies MAC97A6L-T92-R Datasheet HTML 3Page - Unisonic Technologies MAC97A6L-T92-R Datasheet HTML 4Page - Unisonic Technologies MAC97A6L-T92-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
MAC97A6/8
TRIACS
www.unisonic.com.tw
1 of 5
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R401-023.C
LOGIC LEVEL TRIAC
.
DESCRIPTION
Logic level sensitive gate triac intended to be interfaced directly
to microcontrollers, logic integrated circuits and other low power
gate trigger circuits.
FEATURES
*Blocking voltage to 600 V (MAC97A8)
*RMS on-state current to 0.6 A
*Sensitive gate in all four quadrants
APPLICATIONS
*General purpose bidirectional switching
*Phase control applications
*Solid state relays.
SYMBOL
MT2
MT1
G
TO-92
1
SOT-223
1
*Pb-free plating product number:
MAC97A6L/MAC97A8L
ORDERING INFORMATION
Order Number
Pin Assignment
Normal
Lead Free Plating
Package
1
2
3
Packing
MAC97A6-AA3-R
MAC97A6L-AA3-R
SOT-223
MT1
MT2 Gate
Tape Box
MAC97A6-T92-B
MAC97A6L-T92-B
TO-92
MT1 Gate MT2
Tape Box
MAC97A6-T92-K
MAC97A6L-T92-K
TO-92
MT1 Gate MT2
Bulk
MAC97A6-T92-R
MAC97A6L-T92-R
TO-92
MT1 Gate MT2
Tape Reel
MAC97A8-AA3-R
MAC97A8L-AA3-R
SOT-223
MT1
MT2 Gate
Tape Box
MAC97A8-T92-B
MAC97A8L-T92-B
TO-92
MT1 Gate MT2
Tape Box
MAC97A8-T92-K
MAC97A8L-T92-K
TO-92
MT1 Gate MT2
Bulk
MAC97A8-T92-R
MAC97A8L-T92-R
TO-92
MT1 Gate MT2
Tape Reel
MAC97A6L-AA3-R
(1)Packing Type
(2)Package Type
(3)Lead Plating
(1) B: Tape Box, K: Bulk, R: Tape Reel
(2) AA3: SOT-223, T92: TO-92
(3) L: Lead Free Plating, Blank: Pb/Sn


Similar Part No. - MAC97A6L-T92-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MAC97A6L-T92-R UTC-MAC97A6L-T92-R Datasheet
195Kb / 5P
LOGIC LEVEL TRIAC
More results

Similar Description - MAC97A6L-T92-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FT04 ETC1-FT04 Datasheet
133Kb / 4P
LOGIC LEVEL TRIAC
logo
NXP Semiconductors
BT1308-400D PHILIPS-BT1308-400D Datasheet
76Kb / 11P
Logic level triac
Rev. 01-19 February 2004
BT1306-400D PHILIPS-BT1306-400D Datasheet
76Kb / 11P
Logic level triac
Rev. 01-19 February 2004
MAC97A8 PHILIPS-MAC97A8 Datasheet
219Kb / 12P
Logic level triac
Rev. 01-29 March 2001
logo
List of Unclassifed Man...
FT16 ETC-FT16 Datasheet
142Kb / 4P
LOGIC LEVEL TRIAC
logo
NXP Semiconductors
Z00607MA NXP-Z00607MA Datasheet
82Kb / 12P
Triac logic level
Rev. 01-26 February 2008
logo
Unisonic Technologies
MAC97A6 UTC-MAC97A6_12 Datasheet
195Kb / 5P
LOGIC LEVEL TRIAC
logo
STMicroelectronics
T1610T-8I STMICROELECTRONICS-T1610T-8I Datasheet
179Kb / 10P
Logic level 16 A Triac
April 2012 Rev 3
logo
Unisonic Technologies
UT131 UTC-UT131_15 Datasheet
278Kb / 5P
TRIAC LOGIC LEVEL
logo
List of Unclassifed Man...
MAC97A6 ETC-MAC97A6 Datasheet
291Kb / 4P
0.8A Logic level TRIAC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com