Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBTA45-AE3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # MMBTA45-AE3-R
Description  HIGH VOLTAGE TRANSISTOR NPN EPITAXIAL SILICON TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MMBTA45-AE3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  MMBTA45-AE3-R Datasheet HTML 1Page - Unisonic Technologies MMBTA45-AE3-R Datasheet HTML 2Page - Unisonic Technologies MMBTA45-AE3-R Datasheet HTML 3Page - Unisonic Technologies MMBTA45-AE3-R Datasheet HTML 4Page - Unisonic Technologies MMBTA45-AE3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO.,LTD.
MMBTA44/45
NPN EPITAXIAL SILICON TRANSISTOR
www.unisonic.com.tw
1
Copyright © 2005 Unisonic Technologies Co.,LTD.
QW-R206-007.B
HIGH VOLTAGE
TRANSISTOR
FEATURES
*Collector-Emitter voltage: VCEO=400V (UTC MMBTA44)
VCEO=350V (UTC MMBTA45)
*Collector current up to 300mA
*Complement to UTC MMBTA94/93
*Power Dissipation: PD(max)=350mW
MARKING (MMBTA44)
3D
SOT-23
2
3
1
* Pb-free plating product number:
MMBTA44L/MMBTA45L
PIN CONFIGURATION
PIN NO.
PIN NAME
1
Emitter
2
Base
3
Collector
ORDERING INFORMATION
Order Number
Normal
Lead free
Package
Packing
MMBTA44-AE3-R MMBTA44L-AE3-R
SOT-23
Tape Reel
MMBTA45-AE3-R MMBTA45L-AE3-R
SOT-23
Tape Reel


Similar Part No. - MMBTA45-AE3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MMBTA45-AE3-R UTC-MMBTA45-AE3-R Datasheet
201Kb / 4P
HIGH VOLTAGE TRANSISTORS
More results

Similar Description - MMBTA45-AE3-R

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
2N6516 SAMSUNG-2N6516 Datasheet
35Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW33 SAMSUNG-BCW33 Datasheet
27Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
logo
Boca Semiconductor Corp...
2N5551 BOCA-2N5551 Datasheet
57Kb / 2P
NPN EPITAXIAL PLANAR SILICON HIGH VOLTAGE TRANSISTOR
logo
NEC
2SD2383 NEC-2SD2383 Datasheet
114Kb / 4P
NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-VOLTAGE SWITCHING
logo
Seme LAB
2N5015 SEME-LAB-2N5015_08 Datasheet
90Kb / 2P
HIGH VOLTAGE SILICON EPITAXIAL NPN TRANSISTOR
2N5015X SEME-LAB-2N5015X Datasheet
90Kb / 2P
HIGH VOLTAGE SILICON EPITAXIAL NPN TRANSISTOR
logo
First Components Intern...
FMBTA42 FCI-FMBTA42 Datasheet
73Kb / 3P
NPN SILICON TRANSISTOR HIGH VOLTAGE TRANSISTOR
logo
SHENZHEN YONGERJIA INDU...
MBT6517LT1 WINNERJOIN-MBT6517LT1 Datasheet
76Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR HIGH VOLTAGE TRANSISTOR
logo
Continental Device Indi...
2N5551 CDIL-2N5551 Datasheet
284Kb / 3P
NPN EPITAXIAL PLANAR SILICON HIGH VOLTAGE TRANSISTOR
2N5550 CDIL-2N5550 Datasheet
212Kb / 4P
NPN EPITAXIAL PLANAR SILICON HIGH VOLTAGE TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com