Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R25LD10-TF4-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # R25LD10-TF4-R
Description  LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

R25LD10-TF4-R Datasheet(HTML) 7 Page - Unisonic Technologies

Back Button R25LD10-TF4-R Datasheet HTML 2Page - Unisonic Technologies R25LD10-TF4-R Datasheet HTML 3Page - Unisonic Technologies R25LD10-TF4-R Datasheet HTML 4Page - Unisonic Technologies R25LD10-TF4-R Datasheet HTML 5Page - Unisonic Technologies R25LD10-TF4-R Datasheet HTML 6Page - Unisonic Technologies R25LD10-TF4-R Datasheet HTML 7Page - Unisonic Technologies R25LD10-TF4-R Datasheet HTML 8Page - Unisonic Technologies R25LD10-TF4-R Datasheet HTML 9Page - Unisonic Technologies R25LD10-TF4-R Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
RXXLD10
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
7 of 10
www.unisonic.com.tw
QW-R102-025,B
TYPICAL CHARACTERISTICS(Cont.)
125
1.45
50
1.55
75
0
-50
1.52
Output Voltage vs. Ambient Temperature
(R15LD10)
Ambient Temperature, Ta (℃)
1.48
1.53
1.5
1.47
-25
25
100
VIN = 2.5V
VC = 2.7V
1.54
1.51
1.49
1.46
IoUT = 0.5A
125
1.75
50
1.85
75
0
-50
1.82
Output Voltage vs. Ambient Temperature
(R18LD10)
Ambient Temperature, Ta (℃)
1.78
1.83
1.8
1.77
-25
25
100
VIN = 2.8V
VC = 2.7V
1.84
1.81
1.79
1.76
IoUT = 0.5A
125
2.475
50
2.525
75
0
-50
2.51
Output Voltage vs. Ambient Temperature
(R25LD10)
Ambient Temperature, Ta (℃)
2.49
2.515
2.5
2.485
-25
25
100
VIN = 3.5V
VC = 2.7V
2.52
2.505
2.495
2.48
IoUT = 0.5A
125
2.95
50
3.05
75
0
-50
3.02
Output Voltage vs. Ambient Temperature
(R03LD10)
Ambient Temperature, Ta (℃)
2.98
3.03
3
2.97
-25
25
100
VIN = 4V
VC = 2.7V
3.04
3.01
2.99
2.96
IoUT = 0.5A
125
3.25
50
3.35
75
0
-50
3.32
Output Voltage vs. Ambient Temperature
(R33LD10)
Ambient Temperature, Ta (℃)
3.28
3.33
3.3
3.27
-25
25
100
VIN = 4.3V
VC = 2.7V
3.34
3.31
3.29
3.26
IoUT = 0.5A
5
0
3
1.6
0
1.2
Output Voltage vs. Input Voltage
(R15LD10)
Input Voltage, VIN (V)
0.8
0.4
12
4
RL = 1.5Ω(IoUT = 1A)
1.4
1
0.6
0.2
RL = 3Ω(IoUT = 0.5A)
RL = ∞Ω(IoUT = 0A)
VC = 2.7V
Ta = Room temp.
CIN = 0.33μ F
Co = 47μ F



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com