Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R25LD10-TF4-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # R25LD10-TF4-R
Description  LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

R25LD10-TF4-R Datasheet(HTML) 1 Page - Unisonic Technologies

  R25LD10-TF4-R Datasheet HTML 1Page - Unisonic Technologies R25LD10-TF4-R Datasheet HTML 2Page - Unisonic Technologies R25LD10-TF4-R Datasheet HTML 3Page - Unisonic Technologies R25LD10-TF4-R Datasheet HTML 4Page - Unisonic Technologies R25LD10-TF4-R Datasheet HTML 5Page - Unisonic Technologies R25LD10-TF4-R Datasheet HTML 6Page - Unisonic Technologies R25LD10-TF4-R Datasheet HTML 7Page - Unisonic Technologies R25LD10-TF4-R Datasheet HTML 8Page - Unisonic Technologies R25LD10-TF4-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
UNISONIC TECHNOLOGIES CO., LTD
RXXLD10
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 10
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R102-025,B
LOW VOLTAGE OPERATION
LOW POWER-LOSS VOLTAGE
REGULATORS
FEATURES
* Operating under low voltage range (Minimum: 2.35V)
input 2.5V, available output around 1.5 ~ 1.8V
* Low dissipation current
* Built-in overcurrent protection and over temperature protection
functions
EQUIVALENT
2
5
1
3
Specific IC
For TO-220F-4 Package
4
1
TO-252-5
TO-220F-4
1
*Pb-free plating product number: RXXLD10L
ORDERING INFORMATION
Order Number
Normal
Lead Free Plating
Package
Packing
RXXLD10-TF4-T
RXXLD10L-TF4-T
TO-220F-4
Tube
RXXLD10-TN5-R
RXXLD10L-TN5-R
TO-252-5
Tape Reel
RXXLD10-TN5-T
RXXLD10L-TN5-T
TO-252-5
Tube
RXXLD10L-TF4-R
(1)Packing Type
(2)Package Type
(3)Lead Plating
(4)Output Voltage Code
(1) R: Tape Reel, T: Tube
(2) TF4: TO-220F-4, TN5: TO-252-5
(4) xx: refer to Marking Information
(3) L: Lead Free Plating, Blank: Pb/Sn


Similar Part No. - R25LD10-TF4-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
R25LD10 UTC-R25LD10 Datasheet
508Kb / 14P
LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
R25LD10G-S08-R UTC-R25LD10G-S08-R Datasheet
453Kb / 11P
LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
R25LD10G-TF-T UTC-R25LD10G-TF-T Datasheet
453Kb / 11P
LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
R25LD10G-TN5-R UTC-R25LD10G-TN5-R Datasheet
453Kb / 11P
LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
R25LD10L-S08-R UTC-R25LD10L-S08-R Datasheet
453Kb / 11P
LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
More results

Similar Description - R25LD10-TF4-R

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ015EZ5MZP SHARP-PQ015EZ5MZP Datasheet
128Kb / 11P
SC-63 Package, Low Voltage Operation Low Power-Loss Voltage Regulators
PQ070XF01SZH SHARP-PQ070XF01SZH Datasheet
151Kb / 4P
TO-220 Type,Low Voltage Operation Low Power-Loss Voltage Regulators
PQXXXEH01ZXH SHARP-PQXXXEH01ZXH Datasheet
188Kb / 6P
Low Voltage Operation Low Power-Loss Voltage Regulators
PQXXXEH02ZXH SHARP-PQXXXEH02ZXH Datasheet
237Kb / 6P
Low Voltage Operation Low Power-Loss Voltage Regulators
PQXXXEZ1HZXH SHARP-PQXXXEZ1HZXH Datasheet
205Kb / 8P
Low Voltage Operation Low Power-Loss Voltage Regulators
PQXXXFZ5MZ SHARP-PQXXXFZ5MZ Datasheet
119Kb / 10P
Low Voltage Operation Low Power-Loss Voltage Regulators (SC-63)
logo
Unisonic Technologies
R15LD10 UTC-R15LD10_10 Datasheet
439Kb / 10P
LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
logo
E-Tech Electronics LTD
RXXLD10 ETL-RXXLD10 Datasheet
439Kb / 10P
LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
logo
Unisonic Technologies
RXXLD10 UTC-RXXLD10_15 Datasheet
453Kb / 11P
LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
RXXLD10 UTC-RXXLD10_V01 Datasheet
508Kb / 14P
LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com