Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB2202-TN3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # SB2202-TN3-R
Description  MEDIUM POWER LOW VOLTAGE TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

SB2202-TN3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  SB2202-TN3-R Datasheet HTML 1Page - Unisonic Technologies SB2202-TN3-R Datasheet HTML 2Page - Unisonic Technologies SB2202-TN3-R Datasheet HTML 3Page - Unisonic Technologies SB2202-TN3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SB2202
PNP EPITAXIAL SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R209-020,A
ABSOLUTE MAXIMUM RATINGS (Ta=25°C , unless otherwise specified )
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
-40
V
Collector-Emitter Voltage
VCEO
-30
V
Emitter-Base Voltage
VEBO
-5
V
Base Current
IB
-0.6
A
DC
IC
-3
Collector Current
PULSE
ICM
-7
A
Tc=25
°C
10
Collector Dissipation
Ta=25
°C
Pc
1
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-40 ~ +150
°C
ELECTRICAL CHARACTERISTICS (Ta=25°C, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector-Emitter Saturation Voltage
VCE(sat)
IC =-2A, IB= -0.2A
-0.3
-0.5
V
Base-Emitter Saturation Voltage
VBE(sat)
IC = -2A, IB= -0.2A
-1.0
-2.0
V
Collector Cut-Off Current
ICBO
VCB= -30V, IE=0
1
mA
Emitter Cut-Off Current
IEBO
VEB= -3V, IC =0
1
mA
DC Current Gain(Note 1)
hFE1
hFE2
VCE= -2V, IC = -20mA
VCE= -2V, IC = -1A
30
100
200
400
Current Gain Bandwidth Product
fT
VCE= -5V, IC = -0.1A
80
MHz
Output Capacitance
Cob
VCB= -10V, IE=0, f=1MHz
45
pF
Note 1: Pulse test: PW<300
µs, Duty Cycle<2%
CLASSIFICATION OF hFE2
RANK
Q
P
E
RANGE
100 ~ 200
160 ~ 320
200 ~ 400



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com