Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB2202-TN3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # SB2202-TN3-R
Description  MEDIUM POWER LOW VOLTAGE TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

SB2202-TN3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  SB2202-TN3-R Datasheet HTML 1Page - Unisonic Technologies SB2202-TN3-R Datasheet HTML 2Page - Unisonic Technologies SB2202-TN3-R Datasheet HTML 3Page - Unisonic Technologies SB2202-TN3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SB2202
PNP EPITAXIAL SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R209-020,A
TYPICAL CHARACTERISTICS
Static characteristics
-Collector - Emitter Voltage, (V)
04
8
12
16
20
0
0.4
0.8
1.2
1.6
Case Temperature,TC ()
-IB=1mA
-IB=2mA
-IB=3mA
-IB=4mA
-IB=5mA
-IB=6mA
-IB=7mA
-IB=8mA
-IB =9mA
Derating curve of safe operating areas
150
120
80
40
0
-40
0
50
100
150
S/b
lim
ite
d
℃
Case Temperature, TC (℃)
150
120
80
40
0
-40
Power derating
0
4
8
12
Collector output capacitance
-Collector - Base Voltage(V)
10
0
10-
1
10
-2
10
-3
10
1
10
2
10
3
10
0
IE=0
f=1MHz
Current gain-bandwidth product
10
1
10
2
10
3
10
0
VCE=5V
Collector-Emitter Voltage
Safe operating area
10m
s
1m
s
Collector Current, IC (A)
10
-2
10-
1
10
0
10
1
10
-2
10
-1
10
0
10
1
10
0
10
1
10
2
B=8mA
IB=8mA
Ic(max),DC
Ic(max),Pulse



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com