Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT20 Datasheet(PDF) 1 Page - ON Semiconductor

Part # 74ACT20
Description  Dual 4?묲nput NAND Gate
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74ACT20 Datasheet(HTML) 1 Page - ON Semiconductor

  74ACT20 Datasheet HTML 1Page - ON Semiconductor 74ACT20 Datasheet HTML 2Page - ON Semiconductor 74ACT20 Datasheet HTML 3Page - ON Semiconductor 74ACT20 Datasheet HTML 4Page - ON Semiconductor 74ACT20 Datasheet HTML 5Page - ON Semiconductor 74ACT20 Datasheet HTML 6Page - ON Semiconductor 74ACT20 Datasheet HTML 7Page - ON Semiconductor 74ACT20 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2006
October, 2006 − Rev. 8
1
Publication Order Number:
MC74AC20/D
MC74AC20, MC74ACT20
Dual 4−Input NAND Gate
Features
• Outputs Source/Sink 24 mA
• ′ACT20 Has TTL Compatible Inputs
• Pb−Free Packages are Available
Figure 1. Pinout: 14-Lead Packages
(Top View)
GND
13
14
12
11
10
9
8
2
13
4
56
7
VCC
A1
B1
NC
C1
D1
O1
A0
B0
NC
C0
D0
O0
PIN ASSIGNMENT
PIN
FUNCTION
An, Bn, Cn,
Dn
Inputs
On
Outputs
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
DC Supply Voltage (Referenced to GND)
VCC
−0.5 to
+7.0
V
DC Input Voltage (Referenced to GND)
Vin
−0.5 to
VCC + 0.5
V
DC Output Voltage (Referenced to GND)
Vout
−0.5 to
VCC + 0.5
V
DC Input Current, per Pin
Iin
± 20
mA
DC Output Sink/Source Current, per Pin
Iout
± 50
mA
DC VCC or GND Current per Output Pin
ICC
± 50
mA
Storage Temperature
Tstg
−65 to
+150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
SOEIAJ−14
M SUFFIX
CASE 965
1
14
SOIC−14
D SUFFIX
CASE 751A
1
14
1
14
PDIP−14
N SUFFIX
CASE 646
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION


Similar Part No. - 74ACT20

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT20 STMICROELECTRONICS-74ACT20 Datasheet
67Kb / 7P
DUAL 4-INPUT NAND GATE
Apr-2001
74ACT20 STMICROELECTRONICS-74ACT20 Datasheet
175Kb / 8P
DUAL 4-INPUT NAND GATE
Apr-2001
74ACT20B STMICROELECTRONICS-74ACT20B Datasheet
67Kb / 7P
DUAL 4-INPUT NAND GATE
Apr-2001
74ACT20B STMICROELECTRONICS-74ACT20B Datasheet
175Kb / 8P
DUAL 4-INPUT NAND GATE
Apr-2001
74ACT20M STMICROELECTRONICS-74ACT20M Datasheet
67Kb / 7P
DUAL 4-INPUT NAND GATE
Apr-2001
More results

Similar Description - 74ACT20

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHC20 STMICROELECTRONICS-74VHC20 Datasheet
51Kb / 7P
DUAL 4-INPUT NAND GATE
Jun-1999
M74HC20 STMICROELECTRONICS-M74HC20 Datasheet
172Kb / 8P
DUAL 4-INPUT NAND GATE
Jul-2001
logo
ON Semiconductor
MC10H209 ONSEMI-MC10H209_06 Datasheet
150Kb / 6P
Dual 4???묲nput OR/NOR Gate
February, 2006 ??Rev. 7
MC10H109 ONSEMI-MC10H109_06 Datasheet
150Kb / 6P
Dual 4???묲nput OR/NOR Gate
February, 2006 ??Rev. 7
MC74AC00 ONSEMI-MC74AC00 Datasheet
148Kb / 10P
Quad 2?묲nput NAND Gate
October, 2006 ??Rev. 9
logo
Fairchild Semiconductor
74AC20 FAIRCHILD-74AC20_05 Datasheet
99Kb / 7P
Dual 4-Input NAND Gate
logo
ON Semiconductor
MC74VHC00 ONSEMI-MC74VHC00 Datasheet
92Kb / 6P
Quad 2?묲nput NAND Gate
January, 2006 ??Rev. 5
NL27WZ00 ONSEMI-NL27WZ00_06 Datasheet
88Kb / 6P
Dual 2?묲nput NAND Gate
May, 2006 ??Rev. 6
NL17SZ00 ONSEMI-NL17SZ00_06 Datasheet
68Kb / 6P
Single 2?묲nput NAND Gate
November, 2006 ??Rev. 5
MC74HCT20A ONSEMI-MC74HCT20A Datasheet
121Kb / 6P
Dual 4-Input NAND Gate
March, 2011 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com