Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT20 Datasheet(PDF) 4 Page - ON Semiconductor

Part # 74ACT20
Description  Dual 4?묲nput NAND Gate
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74ACT20 Datasheet(HTML) 4 Page - ON Semiconductor

  74ACT20 Datasheet HTML 1Page - ON Semiconductor 74ACT20 Datasheet HTML 2Page - ON Semiconductor 74ACT20 Datasheet HTML 3Page - ON Semiconductor 74ACT20 Datasheet HTML 4Page - ON Semiconductor 74ACT20 Datasheet HTML 5Page - ON Semiconductor 74ACT20 Datasheet HTML 6Page - ON Semiconductor 74ACT20 Datasheet HTML 7Page - ON Semiconductor 74ACT20 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC74AC20, MC74ACT20
http://onsemi.com
4
AC CHARACTERISTICS
Symbol
Parameter
VCC*
(V)
74ACT
74ACT
Unit
TA = +25°C
CL = 50 pF
TA = −40°C
to +85°C
CL = 50 pF
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
5.0
2.0
6.5
9.0
1.5
10.5
ns
tPHL
Propagation Delay
5.0
2.0
5.5
9.0
1.5
10.5
ns
*Voltage Range 5.0 V is 5.0 V ±0.5 V.
CAPACITANCE
Symbol
Parameter
Value
Typ
Unit
Test Conditions
CIN
Input Capacitance
4.5
pF
VCC = 5.0 V
CPD
Power Dissipation Capacitance
40
pF
VCC = 5.0 V
ORDERING INFORMATION
Device
Package
Shipping†
MC74AC20N
PDIP−14
25 Units/Rail
MC74AC20NG
PDIP−14
(Pb−Free)
MC74ACT20N
PDIP−14
MC74ACT20NG
PDIP−14
(Pb−Free)
MC74AC20D
SOIC−14
55 Units/Rail
MC74AC20DG
SOIC−14
(Pb−Free)
MC74AC20DR2
SOIC−14
2500/Tape & Reel
MC74AC20DR2G
SOIC−14
(Pb−Free)
MC74ACT20D
SOIC−14
55 Units/Rail
MC74ACT20DG
SOIC−14
(Pb−Free)
MC74ACT20DR2
SOIC−14
2500/Tape & Reel
MC74ACT20DR2G
SOIC−14
(Pb−Free)
MC74AC20M
SOEIAJ−14
50 Units/Rail
MC74AC20MG
SOEIAJ−14
(Pb−Free)
MC74AC20MEL
SOEIAJ−14
2000/Tape & Reel
MC74AC20MELG
SOEIAJ−14
(Pb−Free)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com