Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA7611AP Datasheet(PDF) 2 Page - Unisonic Technologies

Part # TA7611AP
Description  FM IF/AM TUNER SYSTEM
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TA7611AP Datasheet(HTML) 2 Page - Unisonic Technologies

  TA7611AP Datasheet HTML 1Page - Unisonic Technologies TA7611AP Datasheet HTML 2Page - Unisonic Technologies TA7611AP Datasheet HTML 3Page - Unisonic Technologies TA7611AP Datasheet HTML 4Page - Unisonic Technologies TA7611AP Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
UTCTA7611AP LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD. 2
QW-R111-004,A
ABSOLUTE MAXIMUM RATINGS(Ta=25°C)
PARAMETER
SYMBOL
VALUE
UNIT
Supply Voltage
VCC
15
V
Open Loop Voltage
V4
15
V
Video DC Output Current
I12
6
MA
Power Dissipation
PD
1.4
W
Operating Temperature
TOPR
-20 ~ +65
°C
Storage Temperature
TSTG
-55 ~ +150
°C
ELECTRICAL CHARACTERISTICS(Ta=25°C, Vcc=12V, fo=45.75MHz, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN. TYP. MAX.
UNIT
Recommended Supply Voltage
VCC
10.8
12
13.2
V
Quiescent Circuit Current
ICCQ
42
51
63
mA
Video DC Output
V12
5.2
5.5
5.8
V
AFT DC Output Voltage
V5-V6
SW1: on,SW2: on
5.3
6.8
8.3
V
AFT Output Offset Voltage
V5-V6
SW1: on,SW2: on
-1.5
0
1.5
V
RF AGC Residual Output
Voltage
V4(SAT)
SW4:1
0.5
V
RF AGC Leak Current
I4(LEAK)
VCC=12V,SW3:1,SW4:1
1
µA
Video Sensitivity
SVI
V12=0.8VP-P
f0=45.75MHZ,AM=30%
100
200
300
µVrms
AGC Range
VAGC
(IF)
VCC=12V,f0=45.75MHZ
V14=11.5V→4.0V
60
64
dB
Sync Tip Level Voltage (pin12)
VSYNC
2.3
2.5
2.7
V
Maximum IF Input Voltage
VI(MAX)
100
120
mVrms
White Noise Threshold (pin12)
VWTH
5.8
6.2
6.6
V
White Noise Clamp Level (pin12)
VWCL
3.7
4.1
4.5
V
Black Noise Threshold (pin12)
VBTH
1.4
1.6
1.8
V
Black Noise Clamp Level (pin12)
VBCL
2.9
3.3
3.7
V
Video Frequency Response
GV(IF)
Input 45.75MHz, Sweep
Generator
4.5
5.5
MHz
Suppression of Carrier
CL
SG1=100mVrms
SG2, SG3->OFF
40
50
dB
Suppression of 2nd Carrier
I2ND
SG1=100Mvrms
SG2, SG3->OFF
40
50
dB
920KHz Beat Level
I920
SG1=100mVrms
SG2=SG3=32mVrms
33
38
dB
Differential Gain
DG
7
10
dB
Differential Phase
DP
3.5
5
Degree
Input Impedance
RIN
CIN
fo=45.75MHz, Between pin16~1
3.0
4.5
2
6
5
K
pF
AFT Output Upper Voltage
V5,V6(UP)
11.7 11.9
12
V
AFT Output Lower Voltage
V5,V6(LOW)
1.8
2.3
2.8
V
Maximum Available Current
I4(MAX)
7
mA
AFT Sensitivity
SAFT
16
KHz/V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com