Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA7611AP Datasheet(PDF) 3 Page - Unisonic Technologies

Part # TA7611AP
Description  FM IF/AM TUNER SYSTEM
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TA7611AP Datasheet(HTML) 3 Page - Unisonic Technologies

  TA7611AP Datasheet HTML 1Page - Unisonic Technologies TA7611AP Datasheet HTML 2Page - Unisonic Technologies TA7611AP Datasheet HTML 3Page - Unisonic Technologies TA7611AP Datasheet HTML 4Page - Unisonic Technologies TA7611AP Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UTCTA7611AP LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD. 3
QW-R111-004,A
TEST CIRCUIT 1
TEST CIRCUIT 2
15
14
13
12
11
10
9
2
3
4
5
6
7
8
16
1
1.6k
Ω
1k
Ω
5k
Ω
1k
Ω
0.01
µF
47
µF
0.01
µF
SW2
1
2
Vcc=12V
VAGC
VIDEO
OUTPUT
1:1
IF INPUT
S1
1
2
UTC TA7611AP
15
14
13
12
11
10
9
2
3
4
5
6
7
8
16
1
A
A
UTC TA7611AP
0.01
µF
0.01
µF
0.01
µF
0.01
µF
0.01
µF
0.01
µF
0.01
µF
5.1k
Ω
3.3k
Ω
3.9k
Ω
1.6k
Ω
47
µF
Vcc=12V
SW1
+15V
SW3
2
1
1.6k
Ω
SW4
12



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com