Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM139APT Datasheet(PDF) 10 Page - STMicroelectronics

Part # LM139APT
Description  Low-power quad voltage comparators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM139APT Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LM139APT Datasheet HTML 6Page - STMicroelectronics LM139APT Datasheet HTML 7Page - STMicroelectronics LM139APT Datasheet HTML 8Page - STMicroelectronics LM139APT Datasheet HTML 9Page - STMicroelectronics LM139APT Datasheet HTML 10Page - STMicroelectronics LM139APT Datasheet HTML 11Page - STMicroelectronics LM139APT Datasheet HTML 12Page - STMicroelectronics LM139APT Datasheet HTML 13Page - STMicroelectronics LM139APT Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Typical applications
LM139, LM239, LM339
10/19
DocID2159 Rev 4
Figure 14. Time delay generator
Figure 17. Two-decade high-frequency VCO
VCC
0
V(ref.)
10 k
Ω
1/4
15 k
Ω
200 k
Ω
3 k
Ω
3kΩ
3 k
Ω
10 M
Ω
V
O2
V
03
O1
V
51 k
Ω
V1
V2
0.001
μF
V
C1
V3
VCC
V
C1
V1
V2
V3
0
0
1
t t
3
t
4
t
2
t
t
VCC
t
0
t
1
VCC
VCC
VC C =+15V
1/4
LM139
1/4
1
/4
LM139
LM139
LM139
10 k
Ω
10 k
Ω
10 k
Ω
10 k
Ω
10 M
Ω
10 M
Ω
51 k
Ω
51 k
Ω
t
2
t
o
t
3
t
o
t
A
t
o
Input gating signal
Figure 15. Low frequency op amp with offset
adjust
Figure 16. Zero crossing detector
(single power supply)
e
l
~
2N 2222
5 V
e
o
R1
100 k
Ω
1 k
Ω
5 V
1 M
Ω
100 k
Ω
1 M
Ω
Offset adjust
R
S
R
1
15 k
Ω
0.5
μF
R
2
1/ 4
LM139
100 k
Ω
10 k
Ω
e
l
20 M
Ω
5 V
1N4148
5.1 k
Ω
5.1 k
Ω
100 k
Ω
1/ 4
LM139
5.1 k
Ω
V
CC
V
CC
100 k
Ω
3 k
Ω
5.1 k
Ω
/2
V
CC
/2
0.01
μF
500 pF
100 k
Ω
0.1
μF
20 k
Ω
50 k
Ω
=+ 30 V
+250 mV
Vcontrol +50 V
700 Hz
f
100 kHz
o
20 k
Ω
3 k
Ω
1/ 4
LM139
1/ 4
LM139
1/ 4
LM139
Output 1
Output 2
V
CC
V
CC
Frequency control
voltage input
Vcontrol



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com