Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM139APT Datasheet(PDF) 11 Page - STMicroelectronics

Part # LM139APT
Description  Low-power quad voltage comparators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM139APT Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LM139APT Datasheet HTML 7Page - STMicroelectronics LM139APT Datasheet HTML 8Page - STMicroelectronics LM139APT Datasheet HTML 9Page - STMicroelectronics LM139APT Datasheet HTML 10Page - STMicroelectronics LM139APT Datasheet HTML 11Page - STMicroelectronics LM139APT Datasheet HTML 12Page - STMicroelectronics LM139APT Datasheet HTML 13Page - STMicroelectronics LM139APT Datasheet HTML 14Page - STMicroelectronics LM139APT Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
DocID2159 Rev 4
11/19
LM139, LM239, LM339
Typical applications
19
Figure 18. Limit comparator
Figure 19. Crystal-controlled oscillator
10 k
Ω
e
I
~
R
S
2R
S
V
(ref)
high
V
(ref)
low
2N 2222
V
CC
Lamp
1/ 4
LM139
1/ 4
LM139
2R
S
(12 V)
2 k
Ω
200 k
Ω
e
o
V
CC
0
100 k
Ω
200 k
Ω
1/ 4
LM139
0.1
μF
f = 100 kHz
V
CC
= 15 V
Figure 20. Zero crossing detector
Figure 21. Comparator with a negative
reference
15 V
5.1 k
Ω
e
o
e
I
~
15 V
1/4
LM139
15 V
5.1 k
Ω
e
o
e
I
~
15 V
5 V
1/ 4
LM139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com