Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STD10P10F6 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STD10P10F6
Description  P-channel -100 V, 0.36 Ω typ., -10 A STripFET F6 Power MOSFET in a DPAK package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD10P10F6 Datasheet(HTML) 2 Page - STMicroelectronics

  STD10P10F6 Datasheet HTML 1Page - STMicroelectronics STD10P10F6 Datasheet HTML 2Page - STMicroelectronics STD10P10F6 Datasheet HTML 3Page - STMicroelectronics STD10P10F6 Datasheet HTML 4Page - STMicroelectronics STD10P10F6 Datasheet HTML 5Page - STMicroelectronics STD10P10F6 Datasheet HTML 6Page - STMicroelectronics STD10P10F6 Datasheet HTML 7Page - STMicroelectronics STD10P10F6 Datasheet HTML 8Page - STMicroelectronics STD10P10F6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1
Electrical ratings
Table 1. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage
-100
V
VGS
Gate-source voltage
±20
V
ID
Drain current (continuous) at TC = 25 °C
-10
A
ID
Drain current (continuous) at TC = 100 °C
-7.5
A
IDM (1)
Drain current (pulsed)
-40
A
PTOT
Total power dissipation at TC=25 °C
40
W
Tstg
Storage temperature range
- 55 to 175
°C
TJ
Operating junction temperature range
1. Pulse width limited by safe operating area.
Table 2. Thermal data
Symbol
Parameter
Value
Unit
RthJC
Thermal resistance, junction-to-case
3.75
°C/W
RthJB (1)
Thermal resistance, junction-to-board
50
°C/W
1. When mounted on FR-4 board of 1inch², 2oz Cu t < 10 s.
STD10P10F6
Electrical ratings
DS10343 - Rev 3
page 2/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com