Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STD10P10F6 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STD10P10F6
Description  P-channel -100 V, 0.36 Ω typ., -10 A STripFET F6 Power MOSFET in a DPAK package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD10P10F6 Datasheet(HTML) 4 Page - STMicroelectronics

  STD10P10F6 Datasheet HTML 1Page - STMicroelectronics STD10P10F6 Datasheet HTML 2Page - STMicroelectronics STD10P10F6 Datasheet HTML 3Page - STMicroelectronics STD10P10F6 Datasheet HTML 4Page - STMicroelectronics STD10P10F6 Datasheet HTML 5Page - STMicroelectronics STD10P10F6 Datasheet HTML 6Page - STMicroelectronics STD10P10F6 Datasheet HTML 7Page - STMicroelectronics STD10P10F6 Datasheet HTML 8Page - STMicroelectronics STD10P10F6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
2.1
Electrical characteristics (curves)
Note:
For the P-channel Power MOSFET, current and voltage polarities are reversed.
Figure 1. Safe operating area
ID
10
1
0.1
0.1
1
VDS(V)
10
(A)
Operation
in this
area
is
Limited
by
max
RDS(on)
1ms
10ms
100µs
Tj=175°C
Tc=25°C
Single pulse
GIPG021020141123FSR
Figure 2. Normalized transient thermal impedance
GIPG021020141545FSR
SINGLE PULSE
0.05
0.02
0.01
10-5
10-4
10-3
10-2
tp(s)
10-2
10-1
K
0.1
0.2
δ= 0.5
Figure 3. Typical output characteristics
ID
25
15
5
0
0
4
VDS(V)
8
(A)
12
4V
5V
VGS=7, 8, 9, 10V
10
20
6V
GIPG270520141052SA
Figure 4. Typical transfer characteristics
ID
20
10
0
3
VGS(V)
5
(A)
2
4
6
5
15
25
VDS=16V
7
8
9
GIPG270520141058SA
Figure 5. Typical gate charge characteristics
VGS
6
4
2
0
0
10
Qg(nC)
(V)
8
15
20
10
VDD=80V
ID=10A
12
5
GIPG270520141105SA
Figure 6. Typical drain-source on-resistance
RDS(on)
134
133.5
133
1
3
ID(A)
(mΩ)
2
4
134.5
VGS=10V
5
135
135.5
GIPG270520141110SA
STD10P10F6
Electrical characteristics (curves)
DS10343 - Rev 3
page 4/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com