Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2126751010 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 2126751010
Description  QSFP-DD TO QSFP-DD 112G PASSIVE CBL ASY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

2126751010 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  2126751010 Datasheet HTML 1Page - Molex Electronics Ltd. 2126751010 Datasheet HTML 2Page - Molex Electronics Ltd. 2126751010 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
WIRING DIAGRAM
P1 END
P2 END
Pad
Signal
Pad
Signal
1
GND
----
20
GND
2
TX2n
--->
21
RX2n
3
TX2p
--->
22
RX2p
4
GND
----
23
GND
5
TX4n
--->
24
RX4n
6
TX4p
--->
25
RX4p
7
GND
----
26
GND
13
GND
----
32
GND
14
RX3p
<---
33
TX3p
15
RX3n
<---
34
TX3n
16
GND
----
35
GND
17
RX1p
<---
36
TX1p
18
RX1n
<---
37
TX1n
19
GND
----
38
GND
20
GND
----
1
GND
21
RX2n
<---
2
TX2n
22
RX2p
<---
3
TX2p
23
GND
----
4
GND
24
RX4n
<---
5
TX4n
25
RX4p
<---
6
TX4p
26
GND
----
7
GND
32
GND
----
13
GND
33
TX3p
--->
14
RX3p
34
TX3n
--->
15
RX3n
35
GND
----
16
GND
36
TX1p
--->
17
RX1p
37
TX1n
--->
18
RX1n
38
GND
----
19
GND
WIRING DIAGRAM
P1 END
P2 END
Pad
Signal
Pad
Signal
39
GND
----
58
GND
40
TX6n
--->
59
RX6n
41
TX6p
--->
60
RX6p
42
GND
----
61
GND
43
TX8n
--->
62
RX8n
44
TX8p
--->
63
RX8p
45
GND
----
64
GND
51
GND
----
70
GND
52
RX7p
<---
71
TX7p
53
RX7n
<---
72
TX7n
54
GND
----
73
GND
55
RX5p
<---
74
TX5p
56
RX5n
<---
75
TX5n
57
GND
----
76
GND
58
GND
----
39
GND
59
RX6n
<---
40
TX6n
60
RX6p
<---
41
TX6p
61
GND
----
42
GND
62
RX8n
<---
43
TX8n
63
RX8p
<---
44
TX8p
64
GND
----
45
GND
70
GND
----
51
GND
71
TX7p
--->
52
RX7p
72
TX7n
--->
53
RX7n
73
GND
----
54
GND
74
TX5p
--->
55
RX5p
75
TX5n
--->
56
RX5n
76
GND
----
57
GND
LOW SPEED SIGNALS
P1 & P2
PAD
SIGNAL
8
MODSELL
9
RESETL
10
VCCRX
11
SCL
12
SDA
27
MODPRSL
28
INTL
29
VCCTX
30
VCC1
31
INIT_MODE
46
OPEN
47
OPEN
48
OPEN
49
OPEN
50
OPEN
65
OPEN
66
OPEN
67
OPEN
68
OPEN
69
OPEN
!
*MINIMUM BEND RADIUS PENDING
QUALIFICATION. NUMBERS ABOVE ARE
ESTIMATES AND SUBJECT TO CHANGE.
MIN. BEND SPACE
�22.8�
MIN.
BEND
RADIUS
OD
(MODULE HARDSTOP
TO BACK OF BEZEL)
�43�
NOTE:
VIEW NOT TO SCALE
37
38/76
75
59
20/58
CUTAWAY 1
CUTAWAY 2
39/1
2
40
56
57/19
18
20
19
19
18
18
17
17
BEZEL
TOP VIEW
BOTTOM VIEW
NOTES:
1. DC BLOCKING CAPS ON RECEIVE SIDE ONLY
2. CABLE COILED AND PACKAGED IN BEST FIT ESD BAG AND SEALED WITH ESD LABEL FOR SHIPPING
CABLE
AWG
OD
(mm)
MIN BEND RADIUS
(mm)
MIN BEND SPACE
(mm)
32
(8.3)
(42)
(75)
30
(9.5)
(48)
(82)
28
(11.0)
(55)
(91)
26
(12.7)
(64)
(101)
21
FORMAT: master-tb-prod-D
REVISION: J1
DATE: 2021/05/01
DOCUMENT STATUS
P1
RELEASE DATE
2022/07/14
15:22:33
DIVISIONAL
SYMBOLS
FUNCTIONAL
SYMBOLS
=
0
=
0
=
0
CURRENT REV DESC: SHEET 1 ZONE H15 AND H11 :
UPDATED LABEL LOCATION DIM. FROM 50 TO 200
EC NO: 714221
DRWN: ADITHK
2022/07/13
CHK'D:
GBARDELLA
2022/07/13
APPR:
GBARDELLA
2022/07/14
INITIAL REVISION:
DRWN: GBARDELLA
2019/10/12
APPR:
MGARRISON
2020/05/07
THIRD ANGLE PROJECTION
DRAWING
SERIES
D-SIZE 212675
THIS DRAWING CONTAINS INFORMATION THAT IS PROPRIETARY TO MOLEX ELECTRONIC TECHNOLOGIES, LLC AND SHOULD NOT BE USED WITHOUT WRITTEN PERMISSION
DIMENSION UNITS
SCALE
mm
20:1
GENERAL TOLERANCES
(UNLESS SPECIFIED)
ANGULAR TOL
±
5.0 °
4 PLACES
±
3 PLACES
±
2 PLACES
±
0.13
1 PLACE
±
0.25
0 PLACES
±
DRAFT WHERE APPLICABLE
MUST REMAIN
WITHIN DIMENSIONS
QSFP-DD TO QSFP-DD 112G PASSIVE CBL ASY
PRODUCT CUSTOMER DRAWING
DOCUMENT NUMBER
DOC TYPE DOC PART
REVISION
2126751000
PSD 000
C
MATERIAL NUMBER
CUSTOMER
SHEET NUMBER
GENERAL MARKET
2 OF 3
16
16
15
15
14
14
13
13
M
12
M
12
L
11
L
11
K
10
K
10
J
9
J
9
H
8
H
8
G
7
G
7
F
6
F
6
E
5
E
5
D
4
D
4
C
3
C
3
B
2
B
2
A
1
A
1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com