Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2126751010 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 2126751010
Description  QSFP-DD TO QSFP-DD 112G PASSIVE CBL ASY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

2126751010 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  2126751010 Datasheet HTML 1Page - Molex Electronics Ltd. 2126751010 Datasheet HTML 2Page - Molex Electronics Ltd. 2126751010 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LABEL DETAILS
P/N: 212675XXXX - MOLEX PART NUMBER (SEE P/N TABLE)
X.XXM - CABLE LENGTH IN METERS (EXAMPLES - 0.5M, 1.0M, 1.5M)
SEE P/N TABLE FOR THE NUMBER OF DIGITS
XXAWG - CABLE SIZE IN AWG
S/N: YYDDDLSSSS - SERIAL NUMBER
YY = YEAR, THE LAST 2 DIGITS OF YEAR
DDD = DAY OF THE YEAR
L = LOCATION
1 - USA
2 - MEXICO
3 - CHINA
4 - PHILIPPINES
SSSS = SERIAL NUMBER (0001-9999)
CABLES MAY NOT MEET ALL IEEE 802.3ck 112G PARAMETERS
AND ARE PENDING FINAL LENGTH QUALIFICATION.
LENGTHS LISTED ABOVE ARE PRELIMINARY.
!
�44.5�
�57.15�
�12.70�
(CLEAR POLY WRAP)
P/N: 212675XXXX
X.XXM
XXAWG
S/N: YYDDDLSSSS
YYDDDLSSSS
MOLEX P/N
LENGTH (M)
TOLERANCE (mm)
AWG
2126751005
0.5
±10
30
2126751010
1.0
±10
30
2126751013
1.3
±10
30
2126751014
1.4
±10
30
2126753005
0.5
±10
28
2126753010
1.0
±10
28
2126753014
1.4
±10
28
2126753016
1.6
±10
28
2126754005
0.5
±10
26
2126754010
1.0
±10
26
2126754015
1.5
±10
26
2126754018
1.8
±10
26
2126754020
2.0
±10
26
2126755005
0.5
±10
32
2126755010
1.0
±10
32
FORMAT: master-tb-prod-D
REVISION: J1
DATE: 2021/05/01
DOCUMENT STATUS
P1
RELEASE DATE
2022/07/14
15:22:33
DIVISIONAL
SYMBOLS
FUNCTIONAL
SYMBOLS
=
0
=
0
=
0
CURRENT REV DESC: SHEET 1 ZONE H15 AND H11 :
UPDATED LABEL LOCATION DIM. FROM 50 TO 200
EC NO: 714221
DRWN: ADITHK
2022/07/13
CHK'D:
GBARDELLA
2022/07/13
APPR:
GBARDELLA
2022/07/14
INITIAL REVISION:
DRWN: GBARDELLA
2019/10/12
APPR:
MGARRISON
2020/05/07
THIRD ANGLE PROJECTION
DRAWING
SERIES
D-SIZE 212675
THIS DRAWING CONTAINS INFORMATION THAT IS PROPRIETARY TO MOLEX ELECTRONIC TECHNOLOGIES, LLC AND SHOULD NOT BE USED WITHOUT WRITTEN PERMISSION
DIMENSION UNITS
SCALE
mm
1:1
GENERAL TOLERANCES
(UNLESS SPECIFIED)
ANGULAR TOL
±
5.0 °
4 PLACES
±
3 PLACES
±
2 PLACES
±
0.13
1 PLACE
±
0.25
0 PLACES
±
DRAFT WHERE APPLICABLE
MUST REMAIN
WITHIN DIMENSIONS
QSFP-DD TO QSFP-DD 112G PASSIVE CBL ASY
PRODUCT CUSTOMER DRAWING
DOCUMENT NUMBER
DOC TYPE DOC PART
REVISION
2126751000
PSD 000
C
MATERIAL NUMBER
CUSTOMER
SHEET NUMBER
GENERAL MARKET
3 OF 3
20
19
19
18
18
17
17
16
16
15
15
14
14
13
13
M
12
M
12
L
11
L
11
K
10
K
10
J
9
J
9
H
8
H
8
G
7
G
7
F
6
F
6
E
5
E
5
D
4
D
4
C
3
C
3
B
2
B
2
A
1
A
1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com