Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA2016 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 2SA2016
Description  PNP EPITAXIAL PLANAR TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SA2016 Datasheet(HTML) 3 Page - Unisonic Technologies

  2SA2016 Datasheet HTML 1Page - Unisonic Technologies 2SA2016 Datasheet HTML 2Page - Unisonic Technologies 2SA2016 Datasheet HTML 3Page - Unisonic Technologies 2SA2016 Datasheet HTML 4Page - Unisonic Technologies 2SA2016 Datasheet HTML 5Page - Unisonic Technologies 2SA2016 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SA2016
PNP PLANAR TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R208-018.B
SWITCHING TIME TEST CIRCUIT
50Ω
INPUT
RL
D.C.≒1%
RB
PW=20μs
VBE=5V
VCC= -25V
-20IB1=20IB2=IC= 2.5A
VR
OUTPUT
100μF
470μF
+
+
IB2
IB1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com