Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA2016 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2SA2016
Description  PNP EPITAXIAL PLANAR TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SA2016 Datasheet(HTML) 1 Page - Unisonic Technologies

  2SA2016 Datasheet HTML 1Page - Unisonic Technologies 2SA2016 Datasheet HTML 2Page - Unisonic Technologies 2SA2016 Datasheet HTML 3Page - Unisonic Technologies 2SA2016 Datasheet HTML 4Page - Unisonic Technologies 2SA2016 Datasheet HTML 5Page - Unisonic Technologies 2SA2016 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
2SA2016
PNP PLANAR TRANSISTOR
www.unisonic.com.tw
1 of 6
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R208-018.B
PNP EPITAXIAL PLANAR
TRANSISTOR
APPLICATIONS
* Relay drivers, lamp drivers, motor drivers, strobes.
FEATURES
*High current capacitance.
*Low collector-to-emitter saturation voltage.
*High-speed switching
*High allowable power dissipation.
SOT-89
1
*Pb-free plating product number: 2SA2016L
ORDERING INFORMATION
Order Number
Pin Assignment
Normal
Lead Free Plating
Package
1
2
3
Packing
2SA2016-AB3-R
2SA2016L-AB3-R
SOT-89
B
C
E
Tape Reel
2SA2016L-AB3-R
(1)Packing Type
(2)Package Type
(3)Lead Plating
(1) R: Tape Reel
(2) AB3: SOT-89
(3) L: Lead Free Plating, Blank: Pb/Sn


Similar Part No. - 2SA2016

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA2016 SANYO-2SA2016 Datasheet
50Kb / 5P
DC/DC Converter Applications
2SA2016 SANYO-2SA2016 Datasheet
63Kb / 5P
DC / DC Converter Applications
2SA2016 SANYO-2SA2016 Datasheet
467Kb / 8P
DC / DC Converter Applications
logo
ON Semiconductor
2SA2016 ONSEMI-2SA2016 Datasheet
359Kb / 8P
Bipolar Transistor (-)50V, (-)7A, Low VCE(sat), (PNP)NPN Single PCP
September, 2013
logo
Sanyo Semicon Device
2SA2016 SANYO-2SA2016 Datasheet
472Kb / 8P
DC / DC Converter Applications
More results

Similar Description - 2SA2016

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MPSA194 UTC-MPSA194 Datasheet
53Kb / 1P
PNP EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
G2N4403 GTM-G2N4403 Datasheet
112Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
G2N5401 GTM-G2N5401 Datasheet
147Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
G8550S GTM-G8550S Datasheet
174Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
GL4401 GTM-GL4401 Datasheet
164Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GL5401 GTM-GL5401 Datasheet
166Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM649A GTM-GM649A Datasheet
478Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM1426 GTM-GM1426 Datasheet
173Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM2907A GTM-GM2907A Datasheet
214Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GMBT1132 GTM-GMBT1132 Datasheet
257Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com