Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA2016-AB3-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 2SA2016-AB3-R
Description  PNP EPITAXIAL PLANAR TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SA2016-AB3-R Datasheet(HTML) 4 Page - Unisonic Technologies

  2SA2016-AB3-R Datasheet HTML 1Page - Unisonic Technologies 2SA2016-AB3-R Datasheet HTML 2Page - Unisonic Technologies 2SA2016-AB3-R Datasheet HTML 3Page - Unisonic Technologies 2SA2016-AB3-R Datasheet HTML 4Page - Unisonic Technologies 2SA2016-AB3-R Datasheet HTML 5Page - Unisonic Technologies 2SA2016-AB3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SA2016
PNP PLANAR TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R208-018.B
TYPICAL CHARACTERISTICS
100
40
60
80
20
0
1.0
1.5
0.5
0
120 140
2.0
Ambient Temperature,
Pc -Ta
Ta -℃
-10
2
35
2
ASO
-0.1
-1.0
5
7
-1.0
7
3
35
27
-100
35
27
2
5
7
-0.1
3
-0.01
2
5
7
-10
3
Icp = -10A
Collector Current,Ic -A
-1.0
2
35
2
VCE(SAT)-Ic
-0.01
-0.1
5
7
-1000
7
3
35
27
-10
35
27
2
5
7
-100
3
-10
2
5
7
-10000
3
IC/IB=50
Ta =75℃
Ta =-25℃
Ta =25℃
Collector Current,Ic -A
-1.0
2
35
2
-0.01
-0.1
5
7
-10000
7
3
35
27
-10
35
27
2
5
7
-1000
3
-100
Ta =75℃
Ta =25℃
Ta =-25℃
VBE(SAT)-Ic
IC/IB=50
Collector-to-Base Voltage,VCB-V
-0.1
2
5
7
Cob-VCB
5 -0.01
5
7
100
7
3
35
2-1.0
35
27
2
5
7
10
3
2
5
3
3
2
Collector Current,Ic -A
-0.1
2
5
7
5 -0.01
5
7
1000
7
3
35
27
-1.0
3 5
2
7
2
5
7
100
3
10
3
2-10
f=1MHz
fT -Ic
VCE= -10V
2
IC= -7A
DC
Op
era
tion
100ms
10ms
Tc = 25℃
Collector-to-Emitter Voltage,VCE-V
160
1.3
Mou
nted
on
a ce
ram
ic bo
ard(2
50m
m 2
*0.8
mm
)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com