Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA2016-AB3-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # 2SA2016-AB3-R
Description  PNP EPITAXIAL PLANAR TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SA2016-AB3-R Datasheet(HTML) 5 Page - Unisonic Technologies

  2SA2016-AB3-R Datasheet HTML 1Page - Unisonic Technologies 2SA2016-AB3-R Datasheet HTML 2Page - Unisonic Technologies 2SA2016-AB3-R Datasheet HTML 3Page - Unisonic Technologies 2SA2016-AB3-R Datasheet HTML 4Page - Unisonic Technologies 2SA2016-AB3-R Datasheet HTML 5Page - Unisonic Technologies 2SA2016-AB3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2SA2016
PNP PLANAR TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R208-018.B
TYPICAL CHARACTERISTICS(Cont.)
-2.0
0
-0.8
-1.2
-1.6
-0.4
Collector -to-Emitter Voltage,VCE-V
0
-4
-5
-6
-7
-2
-3
-1
-10mA
-1.0
-0.4
-0.6
-0.8
-0.2
0
-3
-4
-5
-6
-1
-2
0
VCE= -2V
Collector Current,Ic -A
-1.0
2
35
2
hFE -Ic
-0.01
-0.1
5
7
1000
7
3
IB=0
Ic-VCE
-20mA
-30mA
-40mA
-50mA
-60mA
-70mA
-80mA
-90mA
-100mA
-1.2
-1.4
-7
-8
Base-to-Emitter Voltage,VBE-V
Ic-VBE
Ta =75℃
Ta =25℃
Ta =-25℃
35
27
-10
35
27
2
5
7
100
3
10
VCE= -2V
Ta =75℃
Ta =25℃
Ta =-25℃
Collector Current,Ic -A
-1.0
2
35
2
VCE(SAT)-Ic
-0.01
-0.1
5
7
-100
7
3
35
27
-10
35
27
2
5
7
-10
3
-1.0
2
5
7
-1000
3
IC/IB=20
Ta =75℃
Ta =-25℃
Ta =25℃
100
40
60
80
20
0
1.5
2.0
2.5
3.0
0.5
1.0
0
120
140
3.5
4.0
Pc -Tc
160
Case Temperature, Tc-℃



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com