Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5911 Datasheet(PDF) 3 Page - ams AG

Part # AS5911
Description  256-Channel Low Noise Current-to-Digital Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5911 Datasheet(HTML) 3 Page - ams AG

  AS5911 Datasheet HTML 1Page - ams AG AS5911 Datasheet HTML 2Page - ams AG AS5911 Datasheet HTML 3Page - ams AG AS5911 Datasheet HTML 4Page - ams AG AS5911 Datasheet HTML 5Page - ams AG AS5911 Datasheet HTML 6Page - ams AG AS5911 Datasheet HTML 7Page - ams AG AS5911 Datasheet HTML 8Page - ams AG AS5911 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Document Feedback
AS5911
General Description
Short Datasheet
• PUBLIC
DS001049
• v1-00 • 2023-Jan-27
10
│ 3
1
General Description
The AS5911 is an ultra-low noise, 256-channel low power current to digital converter that enables the
readout of photodiodes of a CT detector with highest sensitivity. The output currents of 256
photodiodes are converted simultaneously into digital without any dead time resulting in no charge
loss on the inputs. The AS5911 combines current-to-voltage integration and A/D conversion for 256-
channels in one device. The ADC architecture with its low-noise integrators, coarse quantizer, sample-
and-hold and fine quantizer guarantee lowest input related noise of maximum 0.29 fC (low noise
mode) at an input current range of 0.5 µA. The input current range of the ADC is selectable between
0.5 µA and 1 µA.
The AS5911 supports two supply concepts: a single analog and true ground supply, in both modes the
photodiodes are zero biased for ultra-low dark current of the photodiode. In true ground mode, the
AS5911 operates at ±1.5 V dual analog supply while in single supply mode only a single analog
supply of +3.0 V is needed. The device detects automatically the chosen supply concept. No external
components are required for supply decoupling. To reduce PCB area and simplify the assembly
process, decoupling capacitors for supply and reference voltages are integrated in the 14 x 14 mm²
FBGA package. The on-chip LDOs, reference voltages and a temperature sensor minimize the
external component requirements and reduces the bill of material.
Full-scale range, integration time and power mode are configurable over a SPI-compatible serial
interface as well as the digital output modes of the LVDS interface. In low power mode, the power
dissipation can be minimized down to 1.25 mW per channel for reduced self-heating of the CT
detector. The adjustable integration time down to 51 µs allow very high frame rates. The operating
range of AS5911 is specified from 0 °C to 85 °C.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com