Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5911 Datasheet (PDF) - ams AG

AS5911 Datasheet PDF - ams AG
Part # AS5911
Download  AS5911 Download
File Size   613.91 Kbytes
Page   10 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description 256-Channel Low Noise Current-to-Digital Converter

AS5911 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS5911 Datasheet PDF - ams AG

Part # AS5911
Download  AS5911 Click to download

File Size   613.91 Kbytes
Page   10 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description 256-Channel Low Noise Current-to-Digital Converter

AS5911 Datasheet (HTML) - ams AG


AS5911 Product details

Description
The AS5911 is an ultra-low noise, 256-channel low power current to digital converter that enables the
readout of photodiodes of a CT detector with highest sensitivity. The output currents of 256
photodiodes are converted simultaneously into digital without any dead time resulting in no charge
loss on the inputs. The AS5911 combines current-to-voltage integration and A/D conversion for 256-
channels in one device. The ADC architecture with its low-noise integrators, coarse quantizer, sampleand-
hold and fine quantizer guarantee lowest input related noise of maximum 0.29 fC (low noise
mode) at an input current range of 0.5 μA. The input current range of the ADC is selectable between
0.5 μA and 1 μA.
The AS5911 supports two supply concepts: a single analog and true ground supply, in both modes the
photodiodes are zero biased for ultra-low dark current of the photodiode. In true ground mode, the
AS5911 operates at ±1.5 V dual analog supply while in single supply mode only a single analog
supply of +3.0 V is needed. The device detects automatically the chosen supply concept. No external
components are required for supply decoupling. To reduce PCB area and simplify the assembly
process, decoupling capacitors for supply and reference voltages are integrated in the 14 x 14 mm²
FBGA package. The on-chip LDOs, reference voltages and a temperature sensor minimize the
external component requirements and reduces the bill of material.
Full-scale range, integration time and power mode are configurable over a SPI-compatible serial
interface as well as the digital output modes of the LVDS interface. In low power mode, the power
dissipation can be minimized down to 1.25 mW per channel for reduced self-heating of the CT
detector. The adjustable integration time down to 51 μs allow very high frame rates. The operating
range of AS5911 is specified from 0 °C to 85 °C.

Features
No external components required. Integrated
capacitors for supply and reference decoupling
No charge loss. Continuous charge integration
due to zero dead time of ADC architecture
Selectable full-scale range of 0.5 μA in low
range and 1 μA in high range
Adjustable full-scale range, integration time and
power consumption via SPI interface as well as
adjustable output modes via LVDS
Selectable power supply concept between dual
±1.5 V analog supply (true ground concept) or
single +3.0 V analog supply
On-chip LDOs, voltage references and
temperature sensor
Built-in diagnostic modes for testing full detector
signal chain




Similar Part No. - AS5911

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
AS5912 OSRAM-AS5912 Datasheet
384Kb / 9P
AS5912 512-channel low noise current-to-digital converter
v1-00 2024-Feb-16
logo
Edgecore Networks Corpo...
AS5915-16X-O-48V-PC EDGE-CORE-AS5915-16X-O-48V-PC Datasheet
3Mb / 4P
AS5915-16X
AS5915-16X-O-AC-PC EDGE-CORE-AS5915-16X-O-AC-PC Datasheet
3Mb / 4P
AS5915-16X
AS5915-18X-O-48V-S EDGE-CORE-AS5915-18X-O-48V-S Datasheet
4Mb / 4P
AS5915-18X
AS5915-18X-O-AC-S EDGE-CORE-AS5915-18X-O-AC-S Datasheet
4Mb / 4P
AS5915-18X
More results


Similar Description - AS5911

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC9881 TI-DAC9881 Datasheet
296Kb / 13P
18-Bit, Single-Channel, Low-Noise, Voltage-Output DIGITAL-TO-ANALOG CONVERTER
DAC9881_0808 TI-DAC9881_0808 Datasheet
1Mb / 38P
18-Bit, Single-Channel, Low-Noise, Voltage-Output DIGITAL-TO-ANALOG CONVERTER
logo
Frequency Devices, Inc.
VM8DAC FREQUENCYDEVICES-VM8DAC Datasheet
117Kb / 2P
Low Noise Digital to Analog Converter
logo
Analog Devices
ADAS1131 AD-ADAS1131 Datasheet
63Kb / 2P
256-Channel, 24-Bit Current-to-Digital ADC Module
Rev. Sp0
ADAS1135 AD-ADAS1135 Datasheet
56Kb / 2P
256-Channel, 24-Bit, Current-to-Digital ADC Module
Rev. Sp0
logo
Texas Instruments
DDC2256A TI1-DDC2256A Datasheet
170Kb / 7P
256-Channel, Current-Input Analog-To-Digital Converter
logo
Analog Devices
ADAS1135 AD-ADAS1135_17 Datasheet
64Kb / 2P
256-Channel, 24-Bit, Current-to-Digital ADC Module
logo
ams AG
AS5850A AMSCO-AS5850A Datasheet
808Kb / 10P
16-Bit 256-Channel Low Noise Charge-to-Digital Converter
v2-00 2021-Apr-29
AS585XB AMSCO-AS585XB Datasheet
825Kb / 10P
16-Bit 256-Channel Low Noise Charge-to-Digital Converters
v1-00 2021-Apr-08
logo
Texas Instruments
DDC3256 TI1-DDC3256 Datasheet
614Kb / 9P
DDC3256 256-Channel, Current-Input Analog-To-Digital Converter
JUNE 2023
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com