Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5912 Datasheet (PDF) - OSRAM GmbH

AS5912 Datasheet PDF - OSRAM GmbH
Part # AS5912
Download  AS5912 Download
File Size   384.09 Kbytes
Page   9 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description AS5912 512-channel low noise current-to-digital converter

AS5912 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS5912 Datasheet PDF - OSRAM GmbH

Part # AS5912
Download  AS5912 Click to download

File Size   384.09 Kbytes
Page   9 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description AS5912 512-channel low noise current-to-digital converter

AS5912 Datasheet (HTML) - OSRAM GmbH


AS5912 Product details

Benefits
512-channel in a 23 x 15 mm² FBGA package
Ultra-low noise of 0.29 fC at 0.5 μA input current in low noise mode
Lowest power dissipation of 1.25 mW per channel in low power mode
Adjustable integration time down to 51 μs (20 kSPS) at 20-bit resolution. Up to 26-bit at integration times of 1 ms
Zero biased photodiodes (true ground concept) for ultra-low dark currents
Integral linearity of ±0.080% of reading and ±0.2 ppm of full-scale range (all channels active)
Automatic zero offset calibration, input charge calibration and linearity calibration

Features
No external components required. Integrated capacitors for supply and reference decoupling
No charge loss. Continuous charge integration due to zero dead time of ADC architecture
Selectable full-scale range of 0.5 μA in low range and 1 μA in high range
Adjustable full-scale range, integration time and power consumption via SPI interface as well as adjustable output modes via LVDS
Selectable power supply concept between dual ±1.5 V analog supply (true ground concept) or single +3.0 V analog supply
On-chip LDOs, voltage references and temperature sensor
Built-in diagnostic modes for testing full detector signal chain




Similar Part No. - AS5912

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5911 AMSCO-AS5911 Datasheet
613Kb / 10P
256-Channel Low Noise Current-to-Digital Converter
v1-00 2023-Jan-27
AS5911-FFBT AMSCO-AS5911-FFBT Datasheet
613Kb / 10P
256-Channel Low Noise Current-to-Digital Converter
v1-00 2023-Jan-27
logo
Edgecore Networks Corpo...
AS5915-16X-O-48V-PC EDGE-CORE-AS5915-16X-O-48V-PC Datasheet
3Mb / 4P
AS5915-16X
AS5915-16X-O-AC-PC EDGE-CORE-AS5915-16X-O-AC-PC Datasheet
3Mb / 4P
AS5915-16X
AS5915-18X-O-48V-S EDGE-CORE-AS5915-18X-O-48V-S Datasheet
4Mb / 4P
AS5915-18X
More results


Similar Description - AS5912

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DDC232 BURR-BROWN-DDC232 Datasheet
303Kb / 28P
32-Channel, Current-Input Analog-to-Digital Converter
logo
Texas Instruments
DAC8881 TI-DAC8881 Datasheet
1Mb / 34P
16-Bit, Single-Channel, Low-Noise, Voltage-Output DIGITAL-TO-ANALOG CONVERTER
DAC9881 TI-DAC9881 Datasheet
296Kb / 13P
18-Bit, Single-Channel, Low-Noise, Voltage-Output DIGITAL-TO-ANALOG CONVERTER
DAC9881_0808 TI-DAC9881_0808 Datasheet
1Mb / 38P
18-Bit, Single-Channel, Low-Noise, Voltage-Output DIGITAL-TO-ANALOG CONVERTER
logo
Frequency Devices, Inc.
VM8DAC FREQUENCYDEVICES-VM8DAC Datasheet
117Kb / 2P
Low Noise Digital to Analog Converter
logo
Texas Instruments
DDC264 TI1-DDC264 Datasheet
482Kb / 26P
64-Channel, Current-Input Analog-to-Digital Converter
DAC9881 TI1-DAC9881_15 Datasheet
1Mb / 39P
18-Bit, Single-Channel, Low-Noise, Voltage-Output DIGITAL-TO-ANALOG CONVERTER
DDC316 TI1-DDC316_17 Datasheet
1Mb / 28P
16-Channel, Current-Input Analog-to-Digital Converter
logo
ams AG
AS5850A AMSCO-AS5850A Datasheet
808Kb / 10P
16-Bit 256-Channel Low Noise Charge-to-Digital Converter
v2-00 2021-Apr-29
AS5911 AMSCO-AS5911 Datasheet
613Kb / 10P
256-Channel Low Noise Current-to-Digital Converter
v1-00 2023-Jan-27
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com